Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE8416 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE8416
Description  50 Ohm SMA Isolator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8416 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE8416 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8416 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Outline Drawing
50 Ohm SMA Isolator Operating From 1.7 GHz to 2.2 GHz And 10 Watts With 18 dB Isolation from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Isolator Operating From 1.7 GHz to 2.2 GHz And 10 Watts With 18 dB Isolation
PE8416
URL: http://www.pasternack.com/50-ohm-sma-isolator-1.7-2.2-ghz-10-watts-18-db-pe8416-p.aspx
PE8416
PE8416 REV 1.0
50 Ohm SMA Isolator Operating From 1.7 GHz to
2.2 GHz And 10 Watts With 18 dB Isolation


Similar Part No. - PE8416

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8410 PASTERNACK-PE8410 Datasheet
258Kb / 1P
   N FEMALE CIRCULATOR, 1-2 GHz, 10w
PE8411 PASTERNACK-PE8411 Datasheet
100Kb / 1P
   N FEMALE CIRCULATOR 2-4 GHz 10w
PE8412 PASTERNACK-PE8412 Datasheet
270Kb / 1P
   N FEMALE CIRCULATOR 4-8 GHz 10w
PE8413 PASTERNACK-PE8413 Datasheet
159Kb / 2P
   50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
   50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
More results

Similar Description - PE8416

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8417 PASTERNACK-PE8417 Datasheet
162Kb / 2P
   50 Ohm N Isolator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
   50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8415 PASTERNACK-PE8415 Datasheet
163Kb / 2P
   50 Ohm N Circulator Operating From 1.7 GHz to2.2 GHz And 10 Watts
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
   50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
   50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8316 PASTERNACK-PE8316 Datasheet
156Kb / 2P
   50 Ohm SMA Isolator Operating From 2 GHz to 8 GHz And 10 Watts With 15 dB Isolation
PE8302 PASTERNACK-PE8302 Datasheet
159Kb / 2P
   50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PE8315 PASTERNACK-PE8315 Datasheet
157Kb / 2P
   50 Ohm SMA Isolator Operating From 4 GHz to 18 GHz And 10 Watts With 15 dB Isolation
PE8318 PASTERNACK-PE8318 Datasheet
164Kb / 2P
   50 Ohm SMA Isolator Operating From 17.3 GHz to 22 GHz And 10 Watts With 20 dB Isolation
PE8303 PASTERNACK-PE8303 Datasheet
159Kb / 2P
   50 Ohm SMA Isolator Operating From 7 GHz to 12.4 GHz And 1 Watts With 18 dB Isolation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com