Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90214 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90214
Description  16-bit Proprietary Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90214 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90214 Datasheet HTML 3Page - Fujitsu Component Limited. MB90214 Datasheet HTML 4Page - Fujitsu Component Limited. MB90214 Datasheet HTML 5Page - Fujitsu Component Limited. MB90214 Datasheet HTML 6Page - Fujitsu Component Limited. MB90214 Datasheet HTML 7Page - Fujitsu Component Limited. MB90214 Datasheet HTML 8Page - Fujitsu Component Limited. MB90214 Datasheet HTML 9Page - Fujitsu Component Limited. MB90214 Datasheet HTML 10Page - Fujitsu Component Limited. MB90214 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
7
MB90210 Series
s PIN DESCRIPTION
* : FPT-80P-M06, FPT-80C-C02
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*
64,
65
X0,
X1
A
Crystal oscillator pins (16 MHz)
62
RST
H
External reset request input pin
66
VCC
Power supply
Digital circuit power supply pin
11,
34,
63
VSS
Power supply
Digital circuit grounding level
67 to 74
P00 to P07
B
General-purpose I/O ports
These ports are available only in the single-chip mode.
D00 to D07
I/O pins for the lower eight bits of external data bus
These pins are available in an external-bus mode.
75 to 80,
1,
2
P10 to P15,
P16,
P17
B
General-purpose I/O ports
These ports are available in the single-chip mode and in an
external-bus mode with the 8-bit data bus specified.
D08 to D13,
D14,
D15
I/O pins for the upper eight bits of external data bus
These pins are available in an external-bus mode with the 16-bit
data bus specified.
3 to 6
P20 to P23
E
General-purpose I/O ports
These ports are available only in the single-chip mode.
A00 to A03
Output pins for external address buses A00 to A03
These pins are available in an external-bus mode.
TIN0 to TIN3
16-bit reload timer 1 (ch.0 to ch.3) input pins
These pins are available when the 16-bit reload timer 1 (ch.0 to
ch.3) input specification is “enabled”. The data on the pin is read
as the 16-bit reload timer 1 (ch.0 to ch.3) input (TIN0 to TIN3).
7 to 10
P24 to P27
E
General-purpose I/O ports
These ports are available only in the single-chip mode.
A04 to A07
Output pins for external address buses A04 to A07
These pins are available in an external-bus mode.
TIN4 to TIN7
16-bit reload timer 2 (ch.4 to ch.7) input pins
These pins are available when the 16-bit reload timer 2 (ch.4 to
ch.7) input specification is “enabled”. The data on the pin is read
as the 16-bit reload timer 2 (ch.4 to ch.7) input (TIN4 to TIN7).
12
P30
E
General-purpose I/O port
This port is available in the single-chip mode or when the middle
address control register setting is “port.”
A08
Output pin for external address bus A08
This pin is available in an external-bus mode and when the middle
address control register set to “address.”


Similar Part No. - MB90214

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90223PF FUJITSU-MB90223PF Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90224 FUJITSU-MB90224 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90224PF FUJITSU-MB90224PF Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90233 FUJITSU-MB90233 Datasheet
1Mb / 83P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90214

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com