Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P677APFM Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB89P677APFM
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P677APFM Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB89P677APFM Datasheet HTML 1Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 2Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 3Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 4Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 5Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 6Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 7Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 8Page - Fujitsu Component Limited. MB89P677APFM Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
4
MB89670R/670AR Series
(Continued)
*1: 8-bit PWM timer 4, 5, and 6 are not provided for the MB89673R/MB89675R.
*2: The minimum operating voltage varies with the operating frequency, the function, and the connected ICE.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
* : Lead pitch converter sockets (manufacturer: Sun Hayato Co., Ltd.) are available
80QF-80QF2-8L-UP
+ (MQP-80C-P01 or FPT-80P-M06)
→ for conversion to FPT-80P-M11
80QF-80QF2-8L-DWN
Inquiry: Sun Hayato Co., Ltd.: TEL: (81)-3-3986-0403
FAX: (81)-3-5396-9106
Note: For more information about each package, see section “s Package Dimensions.”
MB89673AR MB89675R*1 MB89675AR MB89677AR MB89P677A MB89PV670A
UART
Variable data length (7 or 8 bits)
On-chip baud rate generator
Error detection function
On-chip full-duplex double buffer
NRZ transfer format
CLK synchrnous/asynchronous data transfer capable
10-bit A/D
converter
10 bits
× 8 channels
External
interrupt
8 channels (Rising edge/falling edge)
Power supply
voltage*2
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for
use
MBM27C512
-20TV
Package
MB89673R
MB89675R
MB89673AR
MB89675AR
MB89677AR
MB89P677A
MB89PV670A
FPT-80P-M06
×
FPT-80P-M11
×*
MQP-80C-P01
×××
MB89673R*1
Part number
Item


Similar Part No. - MB89P677APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P677APFM FUJITSU-MB89P677APFM Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89P677APFM FUJITSU-MB89P677APFM Datasheet
739Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P677APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com