Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P657APF-103 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89P657APF-103
Description  8-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P657APF-103 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89P657APF-103 Datasheet HTML 1Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 2Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P657APF-103 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
MB89650AR Series
(Continued)
• External interrupt 1
Four independent channels with edge detection function
• External interrupt 2 (wake-up function)
Twelve “L” level-interrupt channels
• Watch prescaler
• LCD controller/driver: 16 to 32 segments
× 2 to 4 commons
• Power-on reset function
• Low-power consumption modes (subclock mode, watch mode, sleep mode, and stop mode)
• SQFP-100 and QFP-100 packages
s PRODUCT LINEUP
(Continued)
MB89655AR
MB89656AR
MB89657AR
MB89P657A
MB89PV650A
Classification
Mass production products
(mask ROM products)
One-time
PROM product
Piggyback/
evaluation product
(for evaluation and
development)
ROM size
8 K
× 8 bits
(internal
mask
ROM)
16 K
× 8 bits
(internal
mask
ROM)
24 K
× 8 bits
(internal
mask
ROM)
32 K
× 8 bits
(internal
mask
ROM)
32 K
× 8 bits
(internal PROM,
programming
with general-
purpose EPROM
programmer)
32 K
× 8 bits
(external ROM)
RAM size
256
× 8 bits
512
× 8 bits
768
× 8 bits
1 K
× 8 bits
LCD display
RAM
16
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.4
µs/10 MHz to 6.4 µs/10 MHz, 61.0 µs/32.768 kHz
Interrupt processing time:
3.6
µs/10 MHz to 57.6 µs/10 MHz, 549.3 µs/32.768 kHz
Ports
Input ports:
8 (All also serve as peripherals.)
Output ports:
8 (All also serve as peripherals.)
I/O ports:
48 (All also serve as peripherals.)
Total:
64
8-bit timer 1,
8-bit timer 2
8-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
16-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
2 output channels are enabled when operating as an 8-bit timer.
8-bit timer 3,
8-bit timer 4
8-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
16-bit timer operation (toggled output capable, operating clock cycle: 0.8 to 12.8
µs)
2 output channels are enabled when operating as an 8-bit timer.
Clock timer
21 bits
× 1 (in main clock mode)/15 bits × 1 (at 32.768 kHz)
8-bit PWM
timer 1,
8-bit PWM
timer 2
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4
µs to 3.3 ms)
8-bit resolution PWM operation (conversion cycle: 102
µs to 839 ms)
Both 8-bit PWM timer 1 and 8-bit PWM timer 2 can output 2 channels.
MB89653AR
Part number
Parameter


Similar Part No. - MB89P657APF-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P657APF-103 FUJITSU-MB89P657APF-103 Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P657APF-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com