Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90097-PFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90097-PFV
Description  ON-Screen Display Controller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90097-PFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90097-PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90097-PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
MB90097
s PIN DESCRIPTIONS
Pin no.
Pin name
I/O
Function
1
SCLK
I
Shift clock input pin for serial transfer
This pin has an internal pull-up resistor.
2CS
I
Chip select pin
This pin inputs a Low level signal for serial transfer.
The pin has an internal pull-up resistor.
3
SIN
I
Serial data input pin
This pin has an internal pull-up resistor.
4
RESET
I
Reset input pin
This pin inputs a Low level signal when turning the power on.
5VDD
+ 3 V power supply pin
6
SDR
I
Data input direction select pin for serial transfer
This pin inputs the Low level signal in the LSB-first transfer mode for data
input; it inputs the High level signal in the MSB-first transfer mode.
7
8
XD
EXD
O
I
External circuit pins for display dot clock generator
Connect these pins to external “L” and “C” to form an LC oscillator circuit.
For external input of a display dot clock, input the clock signal to the EXD
pin and leave the XD pin open.
9
TEST
I
LSI test input pin
Input the Low level signal during normal use.
10
GND
Ground pin
20
HSYNC
I
Horizontal sync signal input pin
19
VSYNC
I
Vertical sync signal input pin
18
17
16
14
VC0
VC1
VC2
VC3
O
O
O
O
Color code signal output pin
15
BLKA
O
Display period signal output pin for output channel A
13
BLKB
O
Display period signal output pin for output channel B
11
BLKC
O
Display period signal output pin for output channel C
12
TESTO
O
LSI test output pin
Leave this pin open (unconnected) during normal use.


Similar Part No. - MB90097-PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90091 FUJITSU-MB90091 Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091A FUJITSU-MB90091A Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091AP FUJITSU-MB90091AP Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091APF FUJITSU-MB90091APF Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90092 FUJITSU-MB90092 Datasheet
568Kb / 49P
   ON-Screen Display Controller (OSDC-360)
More results

Similar Description - MB90097-PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com