Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P945PF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89P945PF
Description  8-bit Proprietary Microcontroller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P945PF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89P945PF Datasheet HTML 1Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 2Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89P945PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
MB89940 Series
(Continued)
• 5.0 V single power supply (VPP required for MB89P945)
•0.8
µm CMOS technology (MB89PV940 and MB89P945)
•0.5
µm CMOS technology (MB89943)
• On-chip voltage regulator for internal 3.0 V power supply (MB89943)
s PRODUCT LINEUP
(Continued)
MB89P945
MB89PV940
Classification
Mass-produced products
(mask ROM products)
One-time PROM
Piggyback
ROM size
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal PROM)
32 K
× 8 bits
(external on piggyback)
RAM size
512
× 8 bits
1 K
× 8 bits
CPU functions
The number of instructions: 136
Instruction cycle:
0.5
µs*1@8 MHz
Interrupt response time:
4.0
µs*1@8 MHz
Multiply instruction time:
19 instruction cycles
Divide instruction time:
21 instruction cycles
Direct addressing memory-to/from-register data transfer:
7 instruction cycles
Ports
Output:
5-bit N-ch open-drain
Input/Output:
Two 8-bit CMOS schmitt I/Os and 8-bit CMOS I/Os
Timebase timer
21 bits
Interrupt interval: 1 ms, 4.1 ms, 32.8 ms or 524.3 ms
8-bit/16-bit timer
Can be used as two 8-bit timers or one 16-bit timer
Operation clock: 1
µs, 16 µs, 256 µs or external *1
Watchdog Reset
Reset interval: Approx. 524 ms to 1049 ms
Stepping motor
controller
Two 8-bit PWM pulse generators
Synchronized 4-channel high current output
Operation clock: 250 ns, 500 ns, 1
µs or 4 µs*1
8-bit PWM timers
Two 8-bit PWM timers
External interrupt
3 channels, selective positive edge or negative edge trigger
A/D converter
8-bit resolution, two-channel input
Conversion time:
44 instruction cycles for A/D conversion, 12 instruction cycles
for sense mode operation
LCD controller
4-common and 17-segment outputs
Number of outputs programmable
Low supply voltage
reset
Autonomous reset when low supply voltage
Reset voltage: 3.3 V, 3.6 V, 4.0 V
External voltage
monitor interrupt
Interrupts when voltage at external pin is lower than the reference voltage
Standby modes
Stop mode and sleep mode
Operating
voltage*2
3.5 V to 5.5 V
MB89943
Part number
Item


Similar Part No. - MB89P945PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P945PF FUJITSU-MB89P945PF Datasheet
357Kb / 38P
   8-bit Proprietary Microcontrolle
More results

Similar Description - MB89P945PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com