Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P627PF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89P627PF
Description  8-bit Proprietary Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P627PF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89P627PF Datasheet HTML 1Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 2Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89P627PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
3
MB89620R Series
s PRODUCT LINEUP
(Continued)
MB89623R MB89625R MB89626R MB89627R MB89T627R MB89P625
MB89W625
MB89P627
MB89W627
MB89PV620
Classificati
on
Mass production products
(mask ROM products)
External
ROM
products
One-time PROM
products/EPROM
products
Piggyback/
evaluation
product for
evaluation
and
development
ROM size
8 K
× 8 bits
(internal
mask ROM)
16 K
× 8 bits
(internal
mask ROM)
24 K
× 8 bits
(internal
mask ROM)
32 K
× 8 bits
(internal
mask ROM)
External
ROM
16 K
× 8 bits
(internal
PROM,
programmable
with
general-
purpose
EPROM
programmer)
32 K
× 8 bits
(internal
PROM,
programmable
with
general-
purpose
EPROM
programmer)
32 K
× 8 bits
(external
ROM)
RAM size
256
× 8 bits 512 × 8 bits 768 × 8 bits 1 K × 8 bits 1 K × 8 bits 512 × 8 bits 1 K × 8 bits 1 K × 8 bits
CPU
functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.4
µs /10 MHz
Interrupt processing time:
3.6
µs/10 MHz
Ports
Input ports:
5 (4 ports also serve as peripherals.)
Output ports (N-ch open-drain):
8 (All also serve as peripherals.)
I/O ports (N-ch open-drain)
8 (4 ports also serve as peripherals.)
Output ports (CMOS):
8 (All also serve as bus control pins.)
I/O ports (CMOS):
24 (All also serve as bus pins or peripherals.)
Total:
53
8-bit PWM
timer
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4
µs to 3.3 ms)
8-bit resolution PWM operation (conversion cycle: 102
µs to 839 ms)
8-bit pulse
width
count
timer
8-bit timer operation (overflow output capable, operating clock cycle: 0.4 to 12.8
µs)
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4 to 12.8
µs)
8-bit pulse width measurement operation
(Continuous measurement “H” pulse width/“L” pulse width/from
↑ to ↑/from ↓ to ↓ capable)
16-bit
timer/
counter
16-bit timer operation (operating clock cycle: 0.4
µs)
16-bit event counter operation (Rising/falling/both edges selectable)
8-bit serial
I/O 1,
8-bit serial
I/O 2
8 bits
LSB first/MSB first selectable
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 0.8
µs, 3.2 µs, 12.8 µs)
8-bit A/D
converter
8-bit resolution
× 8 channels
A/D conversion mode (conversion time: 18
µs)
Sense mode (conversion time: 5
µs)
Continuous activation by an external activation or an internal timer capable
Reference voltage input
Part number
Parameter


Similar Part No. - MB89P627PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P627PF FUJITSU-MB89P627PF Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89P627PFM FUJITSU-MB89P627PFM Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P627PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com