Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

567 Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 567
Description  HCMOS / TTL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

567 Datasheet(HTML) 1 Page - Oscilent Corporation

  567 Datasheet HTML 1Page - Oscilent Corporation 567 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCXO Surface Mount
Series Number
Package
Description
Last Modified
567
J-Lead Plastic
HCMOS / TTL Output
Jan. 01 2007
FEATURES
- Wide voltage control range
- Wave form symmetry of 40/60%
- HCMOS / TTL output
- Industry standard J-Lead Plastic Package
- RoHs / Lead Free compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
CHARACTERISTICS
UNITS
Output Logic
-
HCMOS / TTL Output
-
Input Voltage (VDD)
-
3.3 ±10%
5.0 ±10%
VDC
Frequency Range (fO)
-
1.544 ~ 32.000
MHz
Operating Temperature (TOPR)
-
0 ~ +70 (Std.) / -40 ~ 85 (Option)
°C
Storage Temperature (TSTG)
-
-55 ~ +125
°C
Overall Frequency Stability
-
±50, ±100 max.
PPM
(a) Frequency Tolerance
Inclusive of Overall Stability
-
(b) Temperature Stability
Inclusive of Overall Stability (Operating Temperature)
-
(c) Input Voltage Stability
Inclusive of Overall Stability (VDD ±10%)
-
(d) Load Stability
Inclusive of Overall Stability (RL ±5%)
-
Input Current (IDD)
-
10 ~ 35 max.
15 ~ 50 max.
mA
Aging
@ 25°C
±5 max.
PPM/Y
Rise Time (TR) & Fall Time (TF)
-
8 max. (0.4V to 2.4V w/TTL , 20% to 80% /HCMOS)
nS
Pin 1 Control Voltage Range
-
1.65 ±1.35
2.5 ±2.0
V
Output Voltage High "1" VOH
TTL Load
2.4 min.
VDC
HCMOS Load
2.7 min.
VDD - 0.5 min.
Output Voltage Low "0" VOL
TTL Load
0.4 max.
VDC
HCMOS Load
0.5 max.
Duty Cycle
-
50 ±10 (Std.) / 50 ±5 (Option)
%
Start-Up Time (TS)
-
6 max.
mS
Jitter
-
±25 max.
ps
Linearity
-
±20 (Std.)
%
Absolute Pull Range (APR)
-
±50, ±100, ±150 min.
PPM
Page 1 of 2
Oscilent Corporation | 567 Series VCXO - Voltage Control Crystal Oscillator


Similar Part No. - 567

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
567-001-000-310 EDAC-567-001-000-310 Datasheet
966Kb / 2P
   567 Series IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-001-000-310 EDAC-567-001-000-310 Datasheet
102Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-001-000-410 EDAC-567-001-000-410 Datasheet
966Kb / 2P
   567 Series IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-001-000-410 EDAC-567-001-000-410 Datasheet
93Kb / 1P
   567 Series,IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
567-002-000-310 EDAC-567-002-000-310 Datasheet
966Kb / 2P
   567 Series IP52 | E-Seal | In-Line Waterproof Connectors | 5.00mm x 5.90mm Pitch
More results

Similar Description - 567

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
567-25.0M-3DN-TP1 OSCILENT-567-25.0M-3DN-TP1 Datasheet
134Kb / 2P
   HCMOS / TTL Output
420 OSCILENT-420 Datasheet
150Kb / 3P
   HCMOS / TTL Output
480 OSCILENT-480 Datasheet
150Kb / 3P
   HCMOS / TTL Output
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
565-120.0M-3DN-TP1 OSCILENT-565-120.0M-3DN-TP1 Datasheet
135Kb / 2P
   HCMOS / TTL Output
430 OSCILENT-430 Datasheet
151Kb / 3P
   HCMOS / TTL Output
434 OSCILENT-434 Datasheet
144Kb / 2P
   HCMOS / TTL Output
565 OSCILENT-565 Datasheet
135Kb / 2P
   HCMOS / TTL Output
432 OSCILENT-432 Datasheet
142Kb / 2P
   HCMOS / TTL Output
481 OSCILENT-481 Datasheet
150Kb / 3P
   HCMOS / TTL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com