Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564-120.0M-5N-TP1102 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 564-120.0M-5N-TP1102
Description  PECL Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

564-120.0M-5N-TP1102 Datasheet(HTML) 2 Page - Oscilent Corporation

  564-120.0M-5N-TP1102 Datasheet HTML 1Page - Oscilent Corporation 564-120.0M-5N-TP1102 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1 Voltage Control
#2
Enable (low) /Disable
(high)
#3 GND
#4 OUTPUT
#5 Complimentary Output
#6 Vcc
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Operating Temp. (°
C)
Duty Cycle
Absolute Pulling
Range
Linearity
564
- 120.0 M
- 3
N
- T
P1
20
Oscilent
VCXO
PECL
PCB J-Lead
Enter your desired
frequency e.g.
120.0M for 120.000
MHz
5 = 5VDC
3 = 3.3VDC
Blank* = 0~+70
N = -40~+85
Blank*= 50±10%
T = 50±5%
P1 = 50PPM
P2 = 100PPM
P4 = 30PPM
P5 = 75PPM
20 = 20%
10 = 10%
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 564
Page 2 of 2
Oscilent Corporation | 564 Series VCXO - Voltage Control Crystal Oscillator


Similar Part No. - 564-120.0M-5N-TP1102

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
564-120.0M-3N-TP120 OSCILENT-564-120.0M-3N-TP120 Datasheet
135Kb / 2P
   PECL Output
More results

Similar Description - 564-120.0M-5N-TP1102

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
392 OSCILENT-392 Datasheet
132Kb / 2P
   PECL Output
489 OSCILENT-489 Datasheet
145Kb / 2P
   PECL Output
493 OSCILENT-493 Datasheet
142Kb / 2P
   PECL Output
562 OSCILENT-562 Datasheet
134Kb / 2P
   PECL Output
563 OSCILENT-563 Datasheet
135Kb / 2P
   PECL Output
564-120.0M-3N-TP120 OSCILENT-564-120.0M-3N-TP120 Datasheet
135Kb / 2P
   PECL Output
552-120.0M-3N-TP120 OSCILENT-552-120.0M-3N-TP120 Datasheet
133Kb / 2P
   PECL Output
553-120.0M-3N-TP120 OSCILENT-553-120.0M-3N-TP120 Datasheet
132Kb / 2P
   PECL Output
390 OSCILENT-390 Datasheet
132Kb / 2P
   PECL Output
490 OSCILENT-490 Datasheet
142Kb / 2P
   PECL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com