Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89925PF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89925PF
Description  8-bit Proprietary Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89925PF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89925PF Datasheet HTML 1Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 2Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89925PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3
MB89920 Series
s PRODUCT LINEUP
* : The minimum operating voltage varies with conditions such as the operating frequencies, functions, and
development tool.
MB89925
MB89P928
MB89PV920
Classification
Mass production products
(mask ROM products)
One-time PROM product
(for development)
Piggyback/evaluation
product (for development)
ROM size
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal mask ROM)
48 K
× 8 bits
(internal PROM)
48 K
× 8 bits
(external ROM)
RAM size
256
× 8 bits
512
× 8 bits
1024
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.5
µs/8 MHz
Interrupt processing time:
4.5
µs/8 MHz
Ports
I/O ports (CMOS):
35 (25 ports also serve as peripherals.)
I/O ports (N-ch open-drain):
34 (All also serve as peripherals.)
Total:
69
Options
Specify with mask options
Set with EPROM programmer
None
20-bit time-base
timer
20 bits (interval time selection: 4.10 ms, 16.38 ms, 65.54 ms, 262 ms/8 MHz)
Real-time I/O
16-bit timer: operating clock cycle (0.5
µs, 1.0 µs, 2.0 µs, 4.0 µs), overflow interrupt
Input capture: 16 bits
× 2 channels, external trigger edge selectability
Output compare: 16 bits
× 2 channels
LCD controller/
driver
Common output: 4 (selectable from 2 to 4 by software)
Segment output: 28 (can be switched to ports in 4-pin unit by software)
Bias power supply pins: 3
LCD display RAM size: 14
× 8 bits
Dividing resistor for LCD driving: bult-in (external resistor selectability)
8-bit PWM timer
8 bits
× 2-channel reload timer operation
8 bits
× 2-channel PWM operation (4 cycles selectable)
8 bits
× 1-channel PPG operation (4 oscillation clocks selectable)
UART
Variable data length (7 or 8 bits), internal baud rate generator, error detection function,
full-duplex with internal double buffer, NRZ transmission formation,
Clock synchronous/asynchronous transfer capable
8-bit serial I/O
8 bits, LSB first/MSB first selectability,
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 1.0
µs, 4.0 µs, 16.0 µs)
10-bit A/D
converter
10-bit resolution
× 8 channels
A/D conversion mode (conversion time: 16.5
µs (33 instruction cycles))
Sense mode (conversion time: 9.0
µs (18 instruction cycles))
Continuous activation by an internal clock capable
Watchdog timer
Interval time: approx. 130 to 260 ms
Low-voltage
detection reset
Reset activation voltage: 3.0 to 4.3 V
Reset release voltage: 3.1 to 4.5 V
Hardware standby
Stop the clock oscillation by pin input
Buzzer/clock output
1 channel (output a frequency from 1 KHz, 2 KHz, 4 KHz, and divided clock frequency)
External interrupt
4 channels (rising edge/falling edge selectability)
Package
QFP-80
MQFP-80
Operating voltage
2.2 to 6.0 V*
2.7 to 6.0 V*
2.7 to 6.0 V*
EPROM for use
MBM27C512-20TV
(LCC package)
MB89923
Part number
Parameter


Similar Part No. - MB89925PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89925PF FUJITSU-MB89925PF Datasheet
606Kb / 46P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89925PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com