Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P899PF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89P899PF
Description  8-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P899PF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89P899PF Datasheet HTML 1Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 2Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89P899PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
MB89890 Series
(Continued)
• External interrupt: 16 channels
• Power-on reset function
• Low-power consumption modes (subclock mode, watch mode, sleep mode, stop mode)
•CMOS technology
s PRODUCT LINEUP
(Continued)
MB89899
MB89P899
MB89PV890
Classification
Mass-produced products
(mask ROM products)
One-time product
OTPROM product
Piggyback/
evaluation product
(for development)
ROM size
48 K
× 8 bits
(internal mask ROM)
60 K
× 8 bits
(internal mask ROM)
60 K
× 8 bits
(internal OTPROM)
60 K
× 8 bits
(external ROM)
RAM size
1.5 K
× 8 bits
2.0 K
× 8 bits
Instruction bit
length
8 bits
Instruction length
1 to 3 bytes
Data bit length
1, 8, 16 bits
The number of
instructions
136
Clock generator
Internal
Minimum
execution time
0.5
µs at 8 MHz to 8 µs at 8 MHz, 61 µs at 32.768 kHz
Interrupt
processing time
4.5
µs at 8 MHz to 72 µs at 8 MHz, 549.3 µs at 32.768 kHz
Ports
( ) indicate
shared function
ports.
General-purpose output ports (N-ch open-drain):
21 (8)
General-purpose output ports (CMOS):
8 (0)
General-purpose I/O ports (N-ch open-drain):
8 (6)
General-purpose I/O ports (CMOS):
48 (29)
Total:
85 (43)
PWM timer
8 bits
× 1 channel
Timer/counter
8 bits
× 2 channels or 16 bits × 1 channel
Serial I/O
8-bit serial I/O (with 1-byte buffer)
× 1
A/D converter
8 bits
× 8 channels
DTMF generator
CCITT all-tone output capable (1 to 0(10), *, #, A to D)
Single-tone output capable
Soft modem
receiving timer
5-bit noise reduction circuit + pulse-width measurement timer
MB89898
Part number
Item


Similar Part No. - MB89P899PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P899PF FUJITSU-MB89P899PF Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB89P899PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com