Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89627RPF Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89627RPF
Description  8-bit Proprietary Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89627RPF Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89627RPF Datasheet HTML 6Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 7Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 8Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 9Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 10Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 11Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 12Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 13Page - Fujitsu Component Limited. MB89627RPF Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
10
MB89620R Series
(Continued)
(Continued)
*1: DIP-64P-M01, DIP-64C-A06
*2: MDP-64C-P02
*3: FPT-64P-M06
*4: MQP-64C-P01
*5: FPT-64P-M03
*6: FPT-64P-M09
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
MDIP*2
QFP1*3
MQFP*4
LQFP*5
QFP2*6
58
51
50
P30/ADST
E
General-purpose I/O port
Also serves as an A/D converter external activation.
This port is a hysteresis input type.
59
52
51
P31/SCK1
E
General-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O 1.
This port is a hysteresis input type.
60
53
52
P32/SO1
E
General-purpose I/O port
Also serves as the data output for the 8-bit serial I/O 1.
This port is a hysteresis input type.
61
54
53
P33/SI1
E
General-purpose I/O port
Also serves as the data input for the 8-bit serial I/O 1.
This port is a hysteresis input type.
62
55
54
P34/EC
E
General-purpose I/O port
Also serves as the external clock input for the 16-bit
timer/counter. This port is a hysteresis input type.
63
56
55
P35/PWC
E
General-purpose I/O port
Also serves as the measured pulse input for the 8-bit
pulse width count timer. This port is a hysteresis input
type.
1
58
57
P36/WTO
E
General-purpose I/O port
Also serves as the toggle output for the 8-bit pulse
width count timer. This port is a hysteresis input type.
2
59
58
P37/PTO
E
General-purpose I/O port
Also serves as the toggle output for the 8-bit PWM
timer. This port is a hysteresis input type.
3 to 6
60 to 63
59 to 62
P40 to P43
G
N-ch open-drain I/O ports
These ports are a hysteresis input type.
7
64
63
P44/BZ
G
N-ch open-drain I/O port
Also serves as a buzzer output. This port is a
hysteresis input type.
8
1
64
P45/SCK2
G
N-ch open-drain I/O port
Also serves as the clock I/O for the 8-bit serial I/O 2.
This port is a hysteresis input type.
9
2
1
P46/SO2
G
N-ch open-drain I/O port
Also serves as the data output for the 8-bit serial I/O 2.
This port is a hysteresis input type.
10
3
2
P47/SI2
G
N-ch open-drain I/O port
Also serves as the data input for the 8-bit serial I/O 2.
This port is a hysteresis input type.


Similar Part No. - MB89627RPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89627 FUJITSU-MB89627 Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89627P-SH FUJITSU-MB89627P-SH Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89627PF FUJITSU-MB89627PF Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
MB89627PFM FUJITSU-MB89627PFM Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89627RPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com