Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZU14ADG Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PZU14ADG
Description  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU14ADG Datasheet(HTML) 1 Page - NXP Semiconductors

  PZU14ADG Datasheet HTML 1Page - NXP Semiconductors PZU14ADG Datasheet HTML 2Page - NXP Semiconductors PZU14ADG Datasheet HTML 3Page - NXP Semiconductors PZU14ADG Datasheet HTML 4Page - NXP Semiconductors PZU14ADG Datasheet HTML 5Page - NXP Semiconductors PZU14ADG Datasheet HTML 6Page - NXP Semiconductors PZU14ADG Datasheet HTML 7Page - NXP Semiconductors PZU14ADG Datasheet HTML 8Page - NXP Semiconductors PZU14ADG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
General-purpose Zener diodes in a SOD323 (SC-76) very small Surface-Mounted
Device (SMD) plastic package.
1.2 Features
1.3 Applications
I General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
[3]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
PZUxBA series
Single Zener diodes
Rev. 01 — 19 September 2008
Product data sheet
I Non-repetitive peak reverse power
dissipation: PZSM ≤ 40 W
I Low reverse current IR range
I Total power dissipation: Ptot ≤ 320 mW I Small plastic package suitable for
surface-mounted design
I Tolerance series:
B: approximately
±5%;
B1, B2, B3: approximately
±2%
I AEC-Q101 qualified
I Wide working voltage range:
nominal 2.4 V to 36 V (E24 range)
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 100 mA
[1] -
-
1.1
V
PZSM
non-repetitive peak reverse
power dissipation
[2] --40
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[3] -
-
320
mW


Similar Part No. - PZU14ADG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZU14A NEXPERIA-PZU14A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU14A-Q NEXPERIA-PZU14A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU14A/DG NEXPERIA-PZU14A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
More results

Similar Description - PZU14ADG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com