Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL25721 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TSL25721
Description  LIGHT-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25721 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TSL25721 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 13Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 14Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
I2C Protocol
Interface and control are accomplished through an I2C serial compatible interface (standard or fast mode) to
a set of registers that provide access to device control functions and output data. The devices support the 7-bit
I2C addressing protocol.
The I2C standard provides for three types of bus transaction: read, write, and a combined protocol (Figure 10).
During a write operation, the first byte written is a command byte followed by data. In a combined protocol, the
first byte written is the command byte followed by reading a series of bytes. If a read command is issued, the
register address from the previous command will be used for data access. Likewise, if the MSB of the command
is not set, the device will write a series of bytes at the address stored in the last valid command with a register
address. The command byte contains either control information or a 5-bit register address. The control
commands can also be used to clear interrupts.
The I2C bus protocol was developed by Philips (now NXP). For a complete description of the I2C protocol, please
review the NXP I2C design specification at http://www.i2c−bus.org/references/.
A
Acknowledge (0)
N
Not Acknowledged (1)
P
Stop Condition
R
Read (1)
S
Start Condition
Sr
Repeated Start Condition
W
Write (0)
...
Continuation of protocol
Master-to-Slave
Slave-to-Master
W
7
Data Byte
Slave Address
S
1
AA
A
8
11
1
8
Command Code
1
P
1
...
I2C Write Protocol
I2C Read Protocol
I2C Read Protocol — Combined Format
R
7
Data
Slave Address
S
1
AA
A
8
11
1
8
Data
1
P
1
...
W
7
Slave Address
Slave Address
S
1
AR
A
8
11
1
7
1
1
Command Code
Sr
1
A
Data
A
A
81
8
Data
1
P
1
...
Figure 10. I2C Protocols


Similar Part No. - TSL25721

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL25721 OSRAM-TSL25721 Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
TSL25721FN OSRAM-TSL25721FN Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
More results

Similar Description - TSL25721

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
   Light-to-Digital Converter
2016-Apr-12
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
   LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2580 AMSCO-TSL2580 Datasheet
772Kb / 35P
   LIGHT-TO-DIGITAL CONVERTER
TSL2571 AMSCO-TSL2571 Datasheet
706Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com