Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL25723FN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TSL25723FN
Description  LIGHT-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25723FN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TSL25723FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25723FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
4
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, VDD = 3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Active
200
250
IDD
Supply current
Wait state
90
μA
IDD
Supply current
Sleep state — no I2C activity
2.2
4
μA
V
INT SDA output low voltage
3 mA sink current
0
0.4
V
VOL
INT, SDA output low voltage
6 mA sink current
0
0.6
V
I LEAK
Leakage current, SDA, SCL, INT pins
−5
5
μA
V
SCL SDA input high voltage
TSL25721, TSL25725
0.7 VDD
V
VIH
SCL, SDA input high voltage
TSL25723, TSL25727
1.25
V
V
SCL SDA input low voltage
TSL25721, TSL25725
0.3 VDD
V
VIL
SCL, SDA input low voltage
TSL25723, TSL25727
0.54
V
ALS Characteristics, VDD = 3 V, TA = 255C, AGAIN = 16
y, AEN = 1 (unless otherwise noted)
(Notes 1 ,2, 3)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
Dark ADC count value
Ee = 0, AGAIN = 120
×,
CH0
0
1
5
counts
Dark ADC count value
Ee = 0, AGAIN = 120
×,
ATIME = 0xDB (100 ms)
CH1
0
1
5
counts
ADC integration time step size
ATIME = 0xFF
2.58
2.73
2.9
ms
ADC number of integration steps
(Note 4)
1
256
steps
ADC counts per step (Note 4)
ATIME = 0xFF
0
1024
counts
ADC count value (Note 4)
ATIME = 0xC0
0
65535
counts
White light, Ee = 263.9 μW/cm2,
CH0
4000
5000
6000
ADC count value
White light, Ee = 263.9 μW/cm ,
ATIME = 0xF6 (27 ms) (Note 2)
CH1
680
counts
ADC count value
λp = 850 nm, Ee = 263.4 μW/cm2,
CH0
4000
5000
6000
counts
λp = 850 nm, Ee = 263.4 μW/cm ,
ATIME = 0xF6 (27 ms) (Note 3)
CH1
2850
ADC count value ratio: CH1/CH0
White light, ATIME = 0xF6 (27 ms) (Note 2)
0.086
0.136
0.186
ADC count value ratio: CH1/CH0
λp = 850 nm, ATIME = 0xF6 (27 ms) (Note 3)
0.456
0.570
0.684
White light, ATIME = 0xF6 (27 ms)
CH0
18.9
R
Irradiance responsivity
White light, ATIME = 0xF6 (27 ms)
(Note 2)
CH1
2.58
counts/
(
μW/
Re
Irradiance responsivity
λp = 850 nm, ATIME = 0xF6 (27 ms)
CH0
19.0
(
μW/
cm2)
λp = 850 nm, ATIME = 0xF6 (27 ms)
(Note 3)
CH1
10.8
cm2)
AGAIN = 1
× and AGL = 1
0.128
0.16
0.192
Gain scaling, relative to 1
× gain
AGAIN = 8
× and AGL = 0
7.2
8.0
8.8
×
Gain scaling, relative to 1
× gain
setting
AGAIN
16
× and AGL 0
14 4
16 0
17 6
×
setting
AGAIN = 16
× and AGL = 0
14.4
16.0
17.6
×
AGAIN = 120
× and AGL = 0
108
120
132
NOTES:
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible white LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The white LED irradiance is supplied by a white light-emitting diode with a nominal color temperature of 4000 K.
3. The 850 nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λp = 850 nm and spectral halfwidth Δλ½ = 42 nm.
4. Parameter ensured by design and is not tested.


Similar Part No. - TSL25723FN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL25723FN OSRAM-TSL25723FN Datasheet
865Kb / 41P
   Light-to-Digital Converter
v2-00 2022-Nov-30
More results

Similar Description - TSL25723FN

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
   Light-to-Digital Converter
2016-Apr-12
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
   LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2580 AMSCO-TSL2580 Datasheet
772Kb / 35P
   LIGHT-TO-DIGITAL CONVERTER
TSL2571 AMSCO-TSL2571 Datasheet
706Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com