Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89191AHP-SH Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89191AHP-SH
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89191AHP-SH Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89191AHP-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89191AHP-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
MB89190/190A Series
* : Varies with conditions such as operating frequencies (see “s Electrical Characteristics.”) It differs from the
operating voltage of an A/D converter.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
* : A socket (manufacturer: Sun Hayato Co., Ltd.) for pin pitch conversion is available.
48QF-28SOP-8L: (MQP-48C-P01)
→ for conversion to FPT-28P-M17
Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403
FAX (81)-3-5396-9106
Note: For more information on each package, see “s Package Dimensions.”
External interrupt 1
3 independent channels (selectable edge, interrupt vector, and interrupt source flag)
Rising/falling/both edge selectable
Used for wake-up from stop/sleep mode. (Edge detection is also permitted in the stop
mode.)
External interrupt 2
(Wake-up function)
8 channels (low-level interrupt only)
Remote-control
transmitting
frequency generator
The pulse width and cycle are software-programmable.
Standby mode
Sleep mode and stop mode
Process
CMOS
Operating voltage*
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-
20TVM
Package
MB89191
MB89191A
MB89191AH
MB89193
MB89193A
MB89193AH
MB89195
MB89195A
MB89P195
MB89P195A
MB89PV190
MB89PV190A
DIP-28P-M05
×
DIP-28P-M03
××
FPT-28P-M17
×
MQP-48C-P01
××
*
Part number
Item
MB89191
MB89191A
MB89191AH
MB89193
MB89193A
MB89193AH
MB89195
MB89195A
MB89P195
MB89P195A
MB89PV190
MB89PV190A
(Continued)


Similar Part No. - MB89191AHP-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89191AH FUJITSU-MB89191AH Datasheet
399Kb / 41P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89191AHP-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com