Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

896801000 Datasheet(PDF) 8 Page - C&K Components

Part # 896801000
Description  Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

896801000 Datasheet(HTML) 8 Page - C&K Components

Back Button 896801000 Datasheet HTML 4Page - C&K Components 896801000 Datasheet HTML 5Page - C&K Components 896801000 Datasheet HTML 6Page - C&K Components 896801000 Datasheet HTML 7Page - C&K Components 896801000 Datasheet HTML 8Page - C&K Components 896801000 Datasheet HTML 9Page - C&K Components 896801000 Datasheet HTML 10Page - C&K Components 896801000 Datasheet HTML 11Page - C&K Components 896801000 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
F–10
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
TERMINATIONS
Terminals &
Support
Actuator Shown
In Pos. 1
SECTION A-A
Actuator Shown
In Pos. 1
SECTION A-A
Terminals &
Support
.33 (8,4)
DIM 'A'
PC MOUNTING
.18
(4,6)
.33 TYP.
(8,4)
PC MOUNTING
7201MD9ABE
Horizontal Actuation
DPDT
7301MD9ABE
Horizontal Actuation
3PDT
AW1
.40 (10,2)
AW4
.50 (12,7)
DIM ‘A’
OPTION
CODE
A
RIGHT ANGLE, PC THRU-HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
AW4
RIGHT ANGLE, EXTENDED, PC THRU-HOLE
AW1, AW4
RIGHT ANGLE, EXTENDED,
PC THRU-HOLE
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.


Similar Part No. - 896801000

ManufacturerPart #DatasheetDescription
logo
C&K Components
896801000 CK-COMPONENTS-896801000 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
896801000 CK-COMPONENTS-896801000 Datasheet
1Mb / 14P
   Multi-pole and multi-position
896801000 CK-COMPONENTS-896801000 Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
ITT Industries
896801000 ITT-896801000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 896801000

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com