Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3333 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF3333
Description  2.2-V to 36-V, microPower Comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3333 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF3333 Datasheet HTML 5Page - Texas Instruments REF3333 Datasheet HTML 6Page - Texas Instruments REF3333 Datasheet HTML 7Page - Texas Instruments REF3333 Datasheet HTML 8Page - Texas Instruments REF3333 Datasheet HTML 9Page - Texas Instruments REF3333 Datasheet HTML 10Page - Texas Instruments REF3333 Datasheet HTML 11Page - Texas Instruments REF3333 Datasheet HTML 12Page - Texas Instruments REF3333 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
0
VCC
D1
0
R4
1
R2
1
R1
1
+
_
TLV1701
VREF
R3
100
µP
RC
RA
RB
VUVTH
VUV
+
_
V+
TLV1701
V-
+
_
V+
TLV1701
V-
VOVTH
VIN
GND
VOV
VUV = LOW when VIN(RA+RB)/(RA+ RB+RC) < VUVTH
VOV = LOW when VIN(RA)/(RA+ RB+RC) > VOVTH
RPULLUP
VPULLUP
RPULLUP
VPULLUP
VPULLUP
t
t
RPULLUP
VTH-
VTH+
VIN
VTH-
VTH+
VOUT
+
_
V+
TLV1701
V-
+
_
V+
TLV1701
V-
VIN
VOUT
VPULLUP
TLV1701
TLV1702
TLV1704
www.ti.com
SBOS589 – DECEMBER 2013
Window Comparator
Figure 21. Window Comparator
Over and Undervoltage Detection
Figure 22. Over and Undervoltage Detection
High-Side Voltage Sense Circuit
Figure 23. High-Side Voltage Sense Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - REF3333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3333 TI-REF3333 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3333 TI1-REF3333 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
REF3333 TI1-REF3333 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3333 TI1-REF3333 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3333AIDBZR TI-REF3333AIDBZR Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
More results

Similar Description - REF3333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com