Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89677ARPF Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89677ARPF
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89677ARPF Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89677ARPF Datasheet HTML 5Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 6Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 7Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 8Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 9Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 10Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 11Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 12Page - Fujitsu Component Limited. MB89677ARPF Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
MB89670R/670AR Series
s PIN DESCRIPTION
(Continued)
*1: FPT-80P-M11
*2: FPT-80P-M06
*3: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
MQFP*3
11
13
X0
A
Clock oscillator pins
12
14
X1
9
11
MOD0
B
Operating mode selection pins
Connect directly to VCC or VSS.
10
12
MOD1
14
16
RST
C
Reset I/O pin
This pin is of a N-ch open-drain output type with pull-up
resistor and a hysteresis input type.
“L” is output from this pin by an internal reset source.
The internal circuit is initialized by the input of “L”.
38 to 31
40 to 33
P00/AD0 to
P07/AD7
D
General-purpose I/O ports
When an external bus is used, these ports function as
multiplex pins of lower address output and data I/O.
30 to 23
32 to 25
P10/A08 to
P17/A15
D
General-purpose I/O ports
When an external bus is used, these ports function as
upper address output pins.
22
24
P20/BUFC
F
General-purpose output port
When an external bus is used, this port can also be
used as a buffer control output by setting the BCTR.
21
23
P21/HAK
F
General-purpose output port
When an external bus is used, this port can also be
used as a hold acknowledge output by setting the
BCTR.
20
22
P22/HRQ
D
General-purpose output port
When an external bus is used, this port can also be
used as a hold request input by setting the BCTR.
19
21
P23/RDY
D
General-purpose output port
When an external bus is used, this port functions as a
ready input.
18
20
P24/CLK
F
General-purpose output port
When an external bus is used, this port functions as a
clock output.
17
19
P25/WR
F
General-purpose output port
When an external bus is used, this port functions as a
write signal output.
16
18
P26/RD
F
General-purpose output port
When an external bus is used, this port functions as a
read signal output.
15
17
P27/ALE
F
General-purpose output port
When an external bus is used, this port functions as an
address latch signal output.


Similar Part No. - MB89677ARPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89677ARPF FUJITSU-MB89677ARPF Datasheet
739Kb / 59P
   8-bit Proprietary Microcontroller
MB89677ARPFM FUJITSU-MB89677ARPFM Datasheet
739Kb / 59P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89677ARPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com