Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3318 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  0.9-V to 6.5-V, Nanopower Comparator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3318 Datasheet HTML 7Page - Texas Instruments REF3318 Datasheet HTML 8Page - Texas Instruments REF3318 Datasheet HTML 9Page - Texas Instruments REF3318 Datasheet HTML 10Page - Texas Instruments REF3318 Datasheet HTML 11Page - Texas Instruments REF3318 Datasheet HTML 12Page - Texas Instruments REF3318 Datasheet HTML 13Page - Texas Instruments REF3318 Datasheet HTML 14Page - Texas Instruments REF3318 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
+V
+5 V
CC
R
100 k
LOAD
W
V
O
R3
1 MW
R2
1 MW
R1
1 MW
V
IN
V
A
5 V
0 V
1.67 V
3.33 V
V
A2
V
A1
V
IN
V
O High
+V
CC
V
O Low
+V
CC
V
A1
R1
R2
R3
V
A2
R1
R2
R3
D
-
V = V
V
A
A1
A2
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
V
= V
A1
CC
´
R2
(R1 || R3) + R2
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
Inverting Comparator With Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 29. When VIN at the inverting input is less than VA, the output voltage is
high (for simplicity, assume VO switches as high as VCC). The three network resistors can be represented as R1
|| R3 in series with R2. The high to low trip voltage (VA1) is defined by Equation 1:
(1)
When VIN is greater than VA, the output voltage is low, very close to ground. In this case, the three network
resistors can be presented as R2 || R3 in series with R1. The low to high trip voltage (VA2) is defined by
Equation 2:
(2)
The total hysteresis provided by the network is defined by Equation 3:
(3)
Figure 29. TLV3691 in an Inverting Configuration with Hysteresis
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV3691


Similar Part No. - REF3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3318 TI-REF3318 Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3318 TI1-REF3318 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3318 TI1-REF3318 Datasheet
1Mb / 37P
[Old version datasheet]   3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3318AIDBZR TI-REF3318AIDBZR Datasheet
490Kb / 18P
[Old version datasheet]   3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3318AIDBZR TI1-REF3318AIDBZR Datasheet
1Mb / 32P
[Old version datasheet]   Drift Voltage Reference
More results

Similar Description - REF3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
   Rail-to-rail 1.1 V nanopower comparator
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com