Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZU18A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PZU18A
Description  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU18A Datasheet(HTML) 3 Page - NXP Semiconductors

  PZU18A Datasheet HTML 1Page - NXP Semiconductors PZU18A Datasheet HTML 2Page - NXP Semiconductors PZU18A Datasheet HTML 3Page - NXP Semiconductors PZU18A Datasheet HTML 4Page - NXP Semiconductors PZU18A Datasheet HTML 5Page - NXP Semiconductors PZU18A Datasheet HTML 6Page - NXP Semiconductors PZU18A Datasheet HTML 7Page - NXP Semiconductors PZU18A Datasheet HTML 8Page - NXP Semiconductors PZU18A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
3 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
4.
Marking
[1]
* = B: tolerance series B, approximately
±5%
* = B1, B2, B3: tolerance series B1, B2, B3: approximately
±2%
Table 4.
Marking codes
Type number[1]
Marking code
Type number[1]
Marking code
B
B1
B2
B3
B
B1
B2
B3
PZU2.4*A
X8
-
-
-
PZU2.4*A/DG
Y8
-
-
-
PZU2.7*A
X9
XA
XB
-
PZU2.7*A/DG
Y9
YA
YB
-
PZU3.0*A
XT
XU
XV
-
PZU3.0*A/DG
YT
YU
YV
-
PZU3.3*A
XW
XX
XY
-
PZU3.3*A/DG
YW
YX
YY
-
PZU3.6*A
XZ
MC
MD
-
PZU3.6*A/DG
YZ
NC
ND
-
PZU3.9*A
ME
MF
MG
-
PZU3.9*A/DG
NE
NF
NG
-
PZU4.3*A
MM
MN
MP
MR
PZU4.3*A/DG
NM
NN
NP
NR
PZU4.7*A
MS
MT
MU
MV
PZU4.7*A/DG
NS
NT
NU
NV
PZU5.1*A
MW
MX
MY
MZ
PZU5.1*A/DG
NW
NX
NY
NZ
PZU5.6*A
LF
LG
LH
LK
PZU5.6*A/DG
RF
RG
RH
RK
PZU6.2*A
LL
LM
LN
LP
PZU6.2*A/DG
RL
RM
RN
RP
PZU6.8*A
LR
LS
LT
LU
PZU6.8*A/DG
RR
RS
RT
RU
PZU7.5*A
LV
LW
LX
LY
PZU7.5*A/DG
RV
RW
RX
RY
PZU8.2*A
LZ
CR
CS
CT
PZU8.2*A/DG
RZ
ER
ES
ET
PZU9.1*A
CU
CV
CW
CX
PZU9.1*A/DG
EU
EV
EW
EX
PZU10*A
VA
VB
VC
VD
PZU10*A/DG
WA
WB
WC
WD
PZU11*A
VE
VF
VG
VH
PZU11*A/DG
WE
WF
WG
WH
PZU12*A
VK
VL
VM
VN
PZU12*A/DG
WK
WL
WM
WN
PZU13*A
VP
VR
VS
VT
PZU13*A/DG
WP
WR
WS
WT
PZU14*A
-
-
VU
-
PZU14*A/DG
-
-
WU
-
PZU15*A
VV
VW
VX
VY
PZU15*A/DG
WV
WW
WX
WY
PZU16*A
VZ
X1
X2
X3
PZU16*A/DG
WZ
Y1
Y2
Y3
PZU18*A
X4
X5
X6
X7
PZU18*A/DG
Y4
Y5
Y6
Y7
PZU20*A
XC
XD
XE
XF
PZU20*A/DG
YC
YD
YE
YF
PZU22*A
XG
XH
XK
XL
PZU22*A/DG
YG
YH
YK
YL
PZU24*A
XM
XN
XP
XR
PZU24*A/DG
YM
YN
YP
YR
PZU27*A
XS
-
-
-
PZU27*A/DG
YS
-
-
-
PZU30*A
MH
-
-
-
PZU30*A/DG
NH
-
-
-
PZU33*A
MK
-
-
-
PZU33*A/DG
NK
-
-
-
PZU36*A
ML
-
-
-
PZU36*A/DG
NL
-
-
-


Similar Part No. - PZU18A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZU18A NEXPERIA-PZU18A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU18A-Q NEXPERIA-PZU18A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU18A/DG NEXPERIA-PZU18A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
More results

Similar Description - PZU18A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com