Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P875PFV Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89P875PFV
Description  8-bit Proprietary Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P875PFV Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89P875PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB89P875PFV Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
MB89870 Series
s PIN DESCRIPTION
(Continued)
*1: FPT-80P-M05
*2: FPT-80P-M06
*3: MQP-80C-P01
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
MQFP*3
15
17
X1
A
Main clock crystal oscillator pins (max. 10 MHz)
16
18
X0
44
46
X0A
B
Subclock crystal oscillator pins (32.768 kHz)
45
47
X1A
17
19
MOD1
C
Operating mode selection pins
Connect to VSS (GND) when using.
18
20
MOD0
19
21
RST
J
Reset I/O pin
“L” is output from this pin by an internal source.
The internal circuit is initialized by the input of “L”.
20 to 27
22 to 29
P00/INT0 to
P07/INT7
D
General-purpose I/O ports
Also serve as an external interrupt input (wake-up
function).
External interrupt input is hysteresis input.
28,
29,
30,
31,
32,
33,
34,
35
30,
31,
32,
33,
34,
35,
36,
37
P10/IN0–,
P11/IN0+,
P12/IN1–,
P13/IN1+,
P14/IN2–,
P15/IN2+,
P16/IN3–,
P17/IN3+
E
General-purpose I/O ports
Also serve as the input for the OP amp
46 to 48
48 to 50
P20 to P22
F
General-purpose I/O ports
6 to 9
8 to 11
P30/AN0 to
P33/AN3
E
General-purpose I/O ports
Also serve as the input for the A/D converter.
10 to 14
12 to 16
P34/AN4/OUT0 to
P37/AN7/OUT3
G
General-purpose I/O ports
Also serve as the A/D converter input and the
output for the OP amp.
75 to 80,
1,2
77 to 80,
1 to 4
P40/SEG16 to
P47/SEG23
H
General-purpose I/O ports
Also serve as an LCD controller/driver segment
output.
36
38
P50/PWM
F
General-purpose I/O port
The output type can be switched between N-ch
open-drain and CMOS. Also serves as an 8-bit
PWM timer.
37,
38,
39
39,
40,
41
P51/TO2,
P52/TO1,
P53/EC
F
General-purpose I/O ports
The output type can be switched between N-ch
open-drain and CMOS. Also serves as an 8/16-bit
timer/counter.


Similar Part No. - MB89P875PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P808 FUJITSU-MB89P808 Datasheet
317Kb / 39P
   8-bit Proprietary Microcontroller
MB89P808 FUJITSU-MB89P808 Datasheet
462Kb / 39P
   8-bit Proprietary Microcontroller
MB89P808PF FUJITSU-MB89P808PF Datasheet
317Kb / 39P
   8-bit Proprietary Microcontroller
MB89P808PF FUJITSU-MB89P808PF Datasheet
462Kb / 39P
   8-bit Proprietary Microcontroller
MB89P808PFV FUJITSU-MB89P808PFV Datasheet
317Kb / 39P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P875PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com