Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801C-1-P-A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2801C-1-P-A
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801C-1-P-A Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2801C-1-P-A Datasheet HTML 1Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 2Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 3Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 4Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 5Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 6Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 7Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 8Page - Renesas Technology Corp PS2801C-1-P-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PS2801C-1, PS2801C-4e
R08DS0072EJ0400 Rev.4.00
Page 3 of 12
Jan 9, 2013
MARKING EXAMPLE
PS2801C-1
Made in Taiwan
Made in Japan
Made in Taiwan
Halogen free
Made in Japan
Halogen free
"
" (Vertical bar)
:Made in Taiwan & Halogen free
"
" (Horizontal bar)
:Made in Japan & Halogen free
"
" (Square)
:Made in Japan
Company initial
Week Assembled
Year Assembled (Last 1 digit)
Last 2 numbers of type
No. : 1C
Assembly Lot
301
PS2801C-4
Country Assembled
Assembly Lot
No. 1 pin
Mark
PS2801C-4
NL301
3 01
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
R
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2801C-1-P-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801C-1-F3 CEL-PS2801C-1-F3 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-F3 RENESAS-PS2801C-1-F3 Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801C-1-F3 RENESAS-PS2801C-1-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-1-F4 CEL-PS2801C-1-F4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results

Similar Description - PS2801C-1-P-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com