Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89W689 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB89W689
Description  8-bit Proprietary Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89W689 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB89W689 Datasheet HTML 7Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 8Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 9Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 10Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 11Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 12Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 13Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 14Page - Fujitsu Component Limited. MB89W689 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
MB89680 Series
s PROGRAMMING TO THE EPROM ON THE MB89P689/W689
The MB89P689/W689 is an OTPROM version of the MP89680 series.
1. Features
• 60-Kbyte PROM on chip
• Options can be set using the EPROM programmer.
• Equivalent to the MBM27C1001 in EPROM mode (when programmed with the EPROM programmer) and
supporting the 4-byte programming mode
2. Memory Space
Memory space in each mode such as 60-Kbyte PROM, option area is diagrammed below.
3. Programming to the EPROM
In EPROM mode, the MB89P689 functions equivalent to the MBM27C1001. This allows the PROM to be
programmed with a general-purpose EPROM programmer (the electronic signature mode cannot be used) by
using the dedicated socket adapter.
When the operating ROM area for a single chip is 60 Kbytes (1000H to FFFFH) the PROM can be programmed
as follows:
• Programming procedure
(1) Set the EPROM programmer to MBM27C1001.
(2) Load program data into the EPROM programmer at 1000H to FFFFH.
Load option data into addresses 0FE4H to 0FFCH of the EPROM programmer. (For information about each
corresponding option, see “8. Setting PROM Options.”)
(3) Program to 0FE4H to 0FFCH and 1000H to FFFFH with the EPROM programmer.
PROM
60 KB
0FFFFH
00000H
00FE4H
00080H
00880H
Option area
Single chip
EPROM mode
(Corresponding addresses on the EPROM programmer)
I/O
RAM
2 KB
Not available
1FFFFH
00000H
PROM
60 KB
01000H
01000H
0FFFFH
00FE4H
00FFCH
00FFCH
Not available
Not available
Option area
Address


Similar Part No. - MB89W689

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89W689 FUJITSU-MB89W689 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89W689CF FUJITSU-MB89W689CF Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89W689

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com