Electronic Components Datasheet Search |
|
MB89663RP-SH Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
MB89663RP-SH Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 47 page 3 MB89660R Series s PRODUCT LINEUP (Continued) MB89665R MB89W665 MB89P665 Classification Mass-produced products (mask ROM products) EPROM product One-time PROM product, also used for evaluation ROM size 8 K × 8 bits (internal mask ROM) 16 K × 8 bits (internal mask ROM) 16 K × 8 bits (internal PROM, to be programmed with general-purpose EPROM programmer) RAM size 256 × 8 bits 512 × 8 bits CPU functions The number of instructions: 136 Instruction bit length: 8 bits Instruction length: 1 to 3 bytes Data bit length: 1,8, 16 bits Minimum execution time: 0.4 µs at 10 MHz Interrupt processing time: 3.6 µs at 10 MHz Ports Output ports (CMOS): 8 Output ports (N-ch open-drain): 8 (All also serve as peripherals.) General-purpose I/O ports (CMOS): 36 (19 ports also serve as peripherals.) Total: 52 8-bit PWM timer 8-bit interval timer operation (square wave output capable, operating clock cycle: 0.4 µs to 25.6 µs) 8-bit resolution PWM operation (conversion cycle: 102 µs to 6.6 ms) 8/16-bit timer/ counter 2-channel 8-bit timer/counter operation (timer 1 and timer 2, each operating clock independence, square wave output capable), or 16-bit timer/counter operation (operating clock cycle: 0.8 µs to 12.8 µs) In timer 1 or 16-bit timer/counter operation, event counter operation by external clock input UART Variable data length (6-, 7-, 8-bit length), built-in baud rate generator, error detection function, built-in full-duplex double buffer NRZ type transfer format, CLK synchronous/asynchronous data transfer capable Transfer rate setting by dedicated band rate generator, external clock, 8-bit PWM timer 8-bit serial I/O 8 bits LSB/MSB first selectable One clock selectable from four transfer clocks (one external shift clock, three internal shift clocks: 0.8 µs, 3.2 µs, 12.8 µs) 8-bit A/D converter 8-bit resolution × 8 channels A/D conversion function (conversion time: 18 µs at 10 MHz) Sense function (conversion time: 5 µs at 10 MHz) Capable of continuous activation by an external clock or an internal clock Reference voltage input Real-time I/O 16-bit timer: operating clock cycle (0.4 µs, 0.8 µs, 1.6 µs, 3.2 µs) overflow interrupt Input capture: 16 bits × 2 channels (External trigger edge selectable) Output capture: 16 bits × 2 channels MB89663R Item Part number |
Similar Part No. - MB89663RP-SH |
|
Similar Description - MB89663RP-SH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |