Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89PV630 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89PV630
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV630 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89PV630 Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 12Page - Fujitsu Component Limited. MB89PV630 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
MB89630R Series
9
s PIN DESCRIPTION
(Continued)
*1: DIP-64P-M01, DIP-64C-A06
*4: FPT-64P-M06
*2: MDP-64C-P02
*5: MQP-M64C-P01
*3: FPT-64P-M09
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
MDIP*2
QFP2*3
QFP1*4
MQFP*5
30
22
23
X0
A
Main clock crystal oscillator pins
31
23
24
X1
28
20
21
MOD0
D
Operating mode selection pins
Connect directly to VCC or VSS.
29
21
22
MOD1
27
19
20
RST
C
Reset I/O pin
This pin is an N-ch open-drain output type with a
pull-up resistor, and a hysteresis input type.
“L” is output from this pin by an internal reset
source. The internal circuit is initialized by the
input of “L”.
56 to 49
48 to 41
49 to 42
P00/AD0 to
P07/AD7
F
General-purpose I/O ports
When an external bus is used, these ports
function as the multiplex pins of the lower address
output and the data I/O.
48 to 41
40 to 33
41 to 34
P10/A08 to
P17/A157
F
General-purpose I/O ports
When an external bus is used, these ports
function as an upper address output.
40
32
33
P20/BUFC
H
General-purpose output port
When an external bus is used, this port can also
be used as a buffer control output by setting the
BCTR.
39
31
32
P21/HAK
H
General-purpose output port
When an external bus is used, this port can also
be used as a hold acknowledge by setting the
BCTR.
38
30
31
P22/HRQ
F
General-purpose output port
When an external bus is used, this port can also
be used as a hold request input by setting the
BCTR.
37
29
30
P23/RDY
F
General-purpose output port
When an external bus is used, this port functions
as a ready input.
36
28
29
P24/CLK
H
General-purpose output port
When an external bus is used, this port functions
as a clock output.
35
27
28
P25/WR
H
General-purpose output port
When an external bus is used, this port functions
as a write signal output.
34
26
27
P26/RD
H
General-purpose output port
When an external bus is used, this port functions
as a read signal output.


Similar Part No. - MB89PV630

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV630 FUJITSU-MB89PV630 Datasheet
901Kb / 56P
   8-bit Proprietary Microcontroller
MB89PV630 FUJITSU-MB89PV630 Datasheet
864Kb / 59P
   8-bit Proprietary Microcontroller
MB89PV630C-SH FUJITSU-MB89PV630C-SH Datasheet
901Kb / 56P
   8-bit Proprietary Microcontroller
MB89PV630C-SH FUJITSU-MB89PV630C-SH Datasheet
864Kb / 59P
   8-bit Proprietary Microcontroller
MB89PV630CF FUJITSU-MB89PV630CF Datasheet
901Kb / 56P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV630

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com