Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89615RPFV Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89615RPFV
Description  8-bit Proprietary Microcontroller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89615RPFV Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89615RPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB89615RPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
MB89610R Series
(Continued)
*1: One-time PROM product/EPROM product, and piggyback/evaluation product are applicable to the MB89620
series.
*2: Varies with conditions such as the operating frequency (See section “s Electrical Characteristics.”) In the case
of the MB89PV620, the voltage varies with the restrictions the ICE or EPROM for use.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
* : Lead pitch converter sockets (manufacturer: Sun Hayato Co., Ltd.) are available.
64SD-64SQF-8L: For conversion from DIP-64P-M01 or DIP-64C-A06 to FPT-64P-M03
64SD-64QF2-8L: For conversion from DIP-64P-M01 or DIP-64C-A06 to FPT-64P-M09
Inquiry: Sun Hayato Co., Ltd.: TEL 81-3-3802-5760
Notes:
• For more information about each package, see section “s Package Dimensions.”
• One-time PROM product/EPROM product, and piggyback/evaluation product are applicable to the
MB89620 series.
MB89615R
MB89P625/W625*1
MB89PV620*1
Pulse width count
timer
8-bit timer operation (overflow output capable, operating clock cycle: 0.4
µs to 12.8 µs)
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4
µs to 12.8 µs)
8-bit pulse width measurement operation
(continuous measurement capable: “H” pulse width/“L” pulse width/from
↑ to ↑/from ↓ to ↓)
16-bit timer/
counter
16-bit timer operation (operating clock cycle: 0.4
µs)
16-bit event counter operation (rising edge/falling edge/both edges selectability)
8-bit Serial I/O 1
8-bit Serial I/O 2
8 bits
LSB first/MSB first selectability
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 0.8
µs, 3.2 µs, 12.8 µs)
External interrupt
Four independent channels (edge selection, interrupt vector, and interrupt source flag)
Rising edge/falling edge selectability
Used also for wake-up from stop/sleep mode (edge detection is also permitted in stop mode)
Standby mode
Sleep mode and stop mode
Process
CMOS
Operating
voltage*2
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20CZ
MBM27C256A-20TV
Package
MB89613R
MB89615R
MB89P625
MB89W625
MB89PV620
DIP-64P-M01
××
DIP-64C-A06
××
×
FPT-64P-M03
×*
×*
×*
FPT64P-M06
××
FPT-64P-M09
×*
×*
MDP-64C-P02
×××
MQF-64C-P01
×××
MB89613R
Part number
Parameter


Similar Part No. - MB89615RPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89601R FUJITSU-MB89601R Datasheet
615Kb / 44P
   8-bit Proprietary Microcontroller
MB89601RPFV FUJITSU-MB89601RPFV Datasheet
615Kb / 44P
   8-bit Proprietary Microcontroller
MB89603 FUJITSU-MB89603 Datasheet
615Kb / 44P
   8-bit Proprietary Microcontroller
MB89603PFV FUJITSU-MB89603PFV Datasheet
615Kb / 44P
   8-bit Proprietary Microcontroller
MB89623 FUJITSU-MB89623 Datasheet
937Kb / 61P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89615RPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com