Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P185PF-107 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89P185PF-107
Description  8-bit Proprietary Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P185PF-107 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89P185PF-107 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 10Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 11Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 12Page - Fujitsu Component Limited. MB89P185PF-107 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
MB89180 Series
s PIN DESCRIPTION
(Continued)
*1: FPT-64P-M09
*2: FPT-64P-M06
*3: FPT-64P-M03
*4: MQP-64C-P01
Pin no.
Pin name
Circuit
type
Function
QFP*1
SQFP*3
QFP*2
MQFP*4
39
40
X0
A
Main clock crystal oscillator pins
CR oscillation selectability (only for the mask ROM
products)
38
39
X1
40
41
MODA
C
Operating mode selection pin
Connect directly to VSS.
43
44
RST
D
Reset I/O pin
This pin is an N-ch open drain output type with a pull-
up resistor, and hysteresis input type. “L” is output
from this pin by an internal reset source. The internal
circuit is initialized by the input of “L”.
44 to 51
45 to 52
P07/INT27 to
P00/INT20
E
General-purpose I/O ports
Also serve as external interrupt 2 input (wake-up
function).
External interrupt 2 input is hysteresis input.
21 to 23
22 to 24
P10/INT10/
SEG24 to
P12/INT12/
SEG26
E/K
General-purpose I/O ports
Also serve as external interrupt 1 input.
The interrupt 1 input is a hysteresis type.
Also serve as LCD controller/driver segment output.
Switching is done by the mask option.
25
26
P13/INT13/
SEG27
26 to 29
27 to 30
P14/SEG28 to
P17/SEG31
F/K
General-purpose I/O ports
Also serve as LCD controller/driver segment output.
Switching is done by the mask option.
37
38
P20/EC
H
General-purpose N-ch open-drain I/O port
Also serves as the external clock input for the 8-bit
timer counter. The resource is a hysteresis input type.
36
37
P21
I
General-purpose N-ch open-drain I/O port
35
36
P22/TO
I
General-purpose N-ch open-drain I/O port
Also serves as the 8-bit timer/counter output
34
35
P23/SI
H
General-purpose N-ch open-drain I/O port
Also serves as the data input for the 8-bit serial I/O.
The resource is a hysteresis input type.
33
34
P24/SO
I
General-purpose N-ch open-drain I/O port
Also serves as the data output for the 8-bit serial I/O.
32
33
P25/SCK
H
General-purpose N-ch open-drain I/O port
Also serves as the clock I/O for the 8-bit serial I/O.
The resource is a hysteresis input type.


Similar Part No. - MB89P185PF-107

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P185PF-107 FUJITSU-MB89P185PF-107 Datasheet
317Kb / 50P
   8-bit Proprietary Microcontroller
MB89P185PF-107 FUJITSU-MB89P185PF-107 Datasheet
651Kb / 48P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P185PF-107

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com