Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89PV140C-102-ES-SH Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB89PV140C-102-ES-SH
Description  8-bit Proprietary Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV140C-102-ES-SH Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB89PV140C-102-ES-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 11Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 12Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 13Page - Fujitsu Component Limited. MB89PV140C-102-ES-SH Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
MB89140 Series
(Continued)
*1: DIP-64P-M01
*2: MDP-64C-P02
*3: FPT-64P-M06
*4: MQP-64C-P01
Pin no.
Pin name
Circuit
type
Function
SDIP*1
MDIP*2
QFP*3
MQFP*4
2 to 9
59 to 64
1, 2
P67 to P60
H
Heavy-current P-ch high-voltage open-drain output
port
Products with and without a built-in pull-down resistor
between these pins and the VFDP pin are provided.
10
3
VFDP
Voltage supply pin for connection to a pull-down
resistor for ports 4, 5, and 6. In products without a
built-in pull-down resistor and in the MB89PV140, this
pin should be left open.
64
57
VCC
Power supply pin
32
25
VSS
Power supply (GND) pin
63
56
AVCC
A/D converter power supply pin
Use this pin at the same voltage as VCC.
62
55
AVSS
A/D converter power supply (GND) pin
Use this pin at the same voltage as VSS.


Similar Part No. - MB89PV140C-102-ES-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV140C-102-ES-SH FUJITSU-MB89PV140C-102-ES-SH Datasheet
510Kb / 44P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV140C-102-ES-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com