Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1652 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1652
Description  High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1652 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1652 Datasheet HTML 7Page - ON Semiconductor NCP1652 Datasheet HTML 8Page - ON Semiconductor NCP1652 Datasheet HTML 9Page - ON Semiconductor NCP1652 Datasheet HTML 10Page - ON Semiconductor NCP1652 Datasheet HTML 11Page - ON Semiconductor NCP1652 Datasheet HTML 12Page - ON Semiconductor NCP1652 Datasheet HTML 13Page - ON Semiconductor NCP1652 Datasheet HTML 14Page - ON Semiconductor NCP1652 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
NCP1652, NCP1652A
http://onsemi.com
11
50
55
60
65
70
75
80
85
90
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 10. Error Amplifier Source Current vs.
Junction Temperature
50
55
60
65
70
75
80
85
90
−50
−25
0
25
50
75
100
125
150
Figure 11. Error Amplifier Sink Current vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
40.0
42.5
45.0
47.5
50.0
52.5
55.0
57.5
60.0
−50
−25
0
25
50
75
100
125
150
Figure 12. Current Amplifier Input Bias
Current vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
700
710
720
730
740
750
760
770
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. Current Limit Threshold vs.
Junction Temperature
5.0
5.2
5.4
5.6
5.8
6.0
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. PWM Output Voltage Gain vs.
Junction Temperature


Similar Part No. - NCP1652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652 ONSEMI-NCP1652 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1652 ONSEMI-NCP1652 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652A ONSEMI-NCP1652A Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
More results

Similar Description - NCP1652

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com