Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203421 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 203421
Description  MOD JACK - MJIMV
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

203421 Datasheet(HTML) 1 Page - ERNI Electronics

  203421 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[in]
Index
Date
-
18.04.2006
1
10
RECOMMENDED PANEL CUTOUT
EMPFOHLENER FRONTPLATTEN AUSSCHNITT
EMPFOHLENES LEITERPLATTEN-LAYOUT (BESTÜCKUNGSSEITE)
RECOMMENDED PCB LAYOUT (COMPONENT SIDE VIEW)
TOL ±0.05 [.002] UNLESS NOTED
8
1
DATE CODE
DATUMSCODE
PART NO.
IDENT-NR.
±0,008
0,630
0,120
3,05
2,54 0,100
11,43 0,450
1,27 0,050
0,64 0,025
16,66 0,656
15,49 0,610
3,25
x2
0,128
0,063
1,60
x2
x10
0,035
0,140 ±0,020
0,89
3,56 ±0,50
16,00 ±0,20
16,51 0,650
TD0+ P1
4x 75
J8 MX3-
J7 MX3+
J5 MX2-
J4 MX2+
J6 MX1-
J3 MX1+
J2 MX0-
J1 MX0+
TD3- P8
TD3+ P7
VCC P9
GND P10
1000pF/2KV
4x 0.01 µF
TD2- P5
TD2+ P4
TD1- P6
TD1+ P3
TD0- P2
ELECTRICAL SCHEMATICS 1000 BASE T - M5B01
PCB
ELEKTRISCHER SCHALTPLAN
CABLE
30 - 60 MHz
-40 dB TYP
60 - 100 MHz
-35 dB TYP
RETURN LOSS:
CROSSTALK:
100 MHz
-10 dB MIN
80 MHz
-12 dB MIN
60 MHz
-14 dB MIN
ISOLATION
1500 Vrms
CMR:
1-40 MHz
-18 dB MIN
INSERTION LOSS:
TURNS RATIO:
1CT:1CT ±3%
OCL(100 KHz, 0.1 V, 8 mA) 350 µH MIN
MAGNETICS SPECIFICATIONS @ 25°C
1-100 MHz
-1.1 dB MAX
0.1 - 30 MHz
-50 dB TYP
1-100 MHz
-35 dB TYP
1x1, 8C10T, VERTICAL, INT. MAG.
MOD JACK - MJIMV
contact one of the ERNI companies
A3
Class
MJIM
203421
2:1
Information:
Tolerances
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
I (1/1)
CONTACTS: PHOSPHOR BRONZE
DURABILITY: 1000 MATING CYCLES
HOUSING: GLASS FILLED POLYESTER UL 94 V-0 BLACK
SHIELDING: Cu ALLOY, PLATED WITH Ni
ELECTRICAL CHARACTERISTICS
CONTACT RESISTANCE: 30 MILLIOHMS MAX
OPERATING TEMPERATURE: 0°C TO 70°C
TERMINAL FINISH: Sn MATTE
CONTACT FINISH: Au, 0.8 µm (30 µin) OVER Ni
MECHANICAL CHARACTERISTICS
MATERIALS AND FINISH
NOTE 1: RoHS COMPLIANT; PRINT "RC" WITH DATE CODE
SCHEMATIC NUMBER: M5B01


Similar Part No. - 203421

ManufacturerPart #DatasheetDescription
logo
SICK AG
2034264 SICK-2034264 Datasheet
272Kb / 3P
   Plug connector cable
2034265 SICK-2034265 Datasheet
322Kb / 3P
   Plug connector cable
More results

Similar Description - 203421

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203498 ERNI-203498 Datasheet
46Kb / 2P
   MOD - JACK MJIMV
203411 ERNI-203411 Datasheet
45Kb / 2P
   MOD JACK - MJIMV
203502 ERNI-203502 Datasheet
41Kb / 1P
   MOD JACK - MJIMV
203283 ERNI-203283 Datasheet
40Kb / 1P
   MOD JACK - MJIMV
203289 ERNI-203289 Datasheet
84Kb / 2P
   MOD - JACK MJIMV
203341 ERNI-203341 Datasheet
81Kb / 2P
   MOD - JACK MJIMV
203514 ERNI-203514 Datasheet
208Kb / 2P
   Modular Jack MJIMV
100100470001 ERNI-100100470001 Datasheet
611Kb / 1P
   MOD JACK
133776 ERNI-133776 Datasheet
89Kb / 1P
   MOD JACK
203509 ERNI-203509 Datasheet
809Kb / 2P
   MOD-JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com