Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP17FHX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NC7SP17FHX
Description  TinyLogic ULP Single Buffer with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP17FHX Datasheet(HTML) 8 Page - Fairchild Semiconductor

  NC7SP17FHX Datasheet HTML 1Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 2Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 3Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 4Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 5Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 6Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 7Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 8Page - Fairchild Semiconductor NC7SP17FHX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SP17 • Rev. 1.0.4
8
Physical Dimensions
1.00
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994
NOTES:
A. COMPLIES TO JEDEC MO-252 STANDARD
0.05 C
A
B
0.55MAX
0.05 C
C
0.35
0.09
0.19
12
3
0.35
0.25
5X
6X
DETAIL A
0.60
(0.08)
4X
(0.05) 6X
0.40
0.30
0.075X45°
CHAMFER
5X 0.40
0.35
1X 0.45
6X 0.19
TOP VIEW
BOTTOM VIEW
0.66
0.10
CB A
.05 C
0.89
PIN 1
0.05 C
2X
2X
1.00
D. LANDPATTERN RECOMMENDATION IS BASED ON FSC
E. DRAWING FILENAME AND REVISION: MGF06AREV3
0.52
0.73
0.57
0.20 6X
1X
5X
RECOMMENDED LAND PATTERN
FOR SPACE CONSTRAINED PCB
DETAIL A
PIN 1 LEAD SCALE: 2X
ALTERNATIVE LAND PATTERN
FOR UNIVERSAL APPLICATION
DESIGN.
0.90
MIN 250uM
6
54
0.35
(0.08) 4X
SIDE VIEW
Figure 9. 6-Lead, MicroPak2™, 1x1mm Body, .35mm Pitch
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/packaging/MicroPAK2_6L_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
FHX
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SP17FHX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP17FHX ONSEMI-NC7SP17FHX Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
NC7SP17FHX ONSEMI-NC7SP17FHX Datasheet
400Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX_11 Datasheet
696Kb / 9P
   TinyLogic짰 ULP Single Buffer with Schmitt Trigger Input
More results

Similar Description - NC7SP17FHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP17 FAIRCHILD-NC7SP17 Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17 ONSEMI-NC7SP17 Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SP17 FAIRCHILD-NC7SP17_05 Datasheet
303Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV17 ONSEMI-NC7SV17 Datasheet
963Kb / 13P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
March 2018 Rev. 2
logo
Fairchild Semiconductor
NC7SV17 FAIRCHILD-NC7SV17 Datasheet
306Kb / 9P
   TinyLogic. ULP-A Single Buffer with Schmitt Trigger Input
NC7SV17 FAIRCHILD-NC7SV17_04 Datasheet
325Kb / 10P
   TinyLogic ULP-A Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV17 ONSEMI-NC7SV17_V01 Datasheet
388Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 3
NC7SP17 ONSEMI-NC7SP17_V01 Datasheet
400Kb / 11P
   TinyLogic ULP-A Buffer with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7WV17 FAIRCHILD-NC7WV17 Datasheet
181Kb / 9P
   TinyLogic ULP-A Dual Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7WV17 ONSEMI-NC7WV17_V01 Datasheet
263Kb / 10P
   TinyLogic ULP-A Dual Buffer with Schmitt-Trigger Input
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com