Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB75NF75 Datasheet(PDF) 3 Page - New Jersey Semi-Conductor Products, Inc.

Part # STB75NF75
Description  N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

STB75NF75 Datasheet(HTML) 3 Page - New Jersey Semi-Conductor Products, Inc.

  STB75NF75 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. STB75NF75 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. STB75NF75 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - STB75NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
   N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D짼PAK STripFET??II POWER MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
   N-channel 75V - 0.0095廓 - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
STB75NF75L STMICROELECTRONICS-STB75NF75L Datasheet
382Kb / 11P
   N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB75NF75L STMICROELECTRONICS-STB75NF75L Datasheet
334Kb / 13P
   N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STB75NF75L VBSEMI-STB75NF75L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - STB75NF75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
   N-channel 75V - 0.0095廓 - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
   N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D짼PAK STripFET??II POWER MOSFET
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
   N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
   N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
STP45NF3LL STMICROELECTRONICS-STP45NF3LL_06 Datasheet
357Kb / 16P
   N-channel 30V - 0.014ohm - 45A TO-220 - TO-220FP - D2PAK STripFET II power MOSFET
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
   N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
   N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
   N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com