Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M160UFG Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # M160UFG
Description  HIGH VOLTAGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

M160UFG Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  M160UFG Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. M160UFG Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - M160UFG

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
M160UFG VMI-M160UFG Datasheet
96Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
   Spice Model
logo
New Jersey Semi-Conduct...
M160UFG NJSEMI-M160UFG Datasheet
98Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Voltage Multipliers Inc...
M160UFG VMI-M160UFG Datasheet
50Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
M160UFGHT VMI-M160UFGHT Datasheet
475Kb / 2P
   High Voltage Rectifier - Axial Lead
More results

Similar Description - M160UFG

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F Datasheet
73Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
   High voltage rectifiers
logo
Diode Semiconductor Kor...
R1200 DSK-R1200 Datasheet
55Kb / 2P
   HIGH VOLTAGE RECTIFIERS
3R12 DSK-3R12 Datasheet
64Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
R2500 BILIN-R2500 Datasheet
275Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Shenzhen Luguang Electr...
3R12 LUGUANG-3R12 Datasheet
156Kb / 2P
   High Voltage Rectifiers
logo
IXYS Corporation
UGE3126AY4 IXYS-UGE3126AY4 Datasheet
57Kb / 2P
   High Voltage Rectifiers
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5_06 Datasheet
102Kb / 2P
   High voltage rectifiers
SI-E8000-3600-1.8 SEMIKRON-SI-E8000-3600-1.8_06 Datasheet
102Kb / 2P
   High voltage rectifiers
logo
Galaxy Semi-Conductor H...
PR1600 BILIN-PR1600 Datasheet
264Kb / 2P
   HIGH VOLTAGE RECTIFIERS
R1200 BILIN-R1200_15 Datasheet
256Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com