Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P589B Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89P589B
Description  8-bit Proprietary Microcontrollers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P589B Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89P589B Datasheet HTML 1Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 2Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 3Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 4Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 5Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 6Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 7Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 8Page - Fujitsu Component Limited. MB89P589B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
MB89580B/580BW series
2
(Continued)
• PLL clock control
The internal PLL clock circuit allows the use of low-speed clocks which are advantageous to noise character-
istics.
(6 MHz externally-supplied clock : Internal system clock oscillated at 12 MHz)
• Various timers
8-bit PWM timer (can be used as either 8-bit PWM timer
× 2 channels or PPG timer × 1 channel)
Internal 21-bit timebase timer
• Internal USB transceiver circuit (Compatible with high and low speeds)
• USB function
Compliant to USB Protocol Revision 1.0
Support for both low and full speeds (selectable)
Allows four endpoints to be specified at maximum.
Types of transfer supported : control/interrupt/bulk/isochronous
Built-in DMAC (Maps the buffer for each endpoint on to the internal RAM to directly access the memory for
function’s send and receive data.)
• UART/serial interface
Built-in UART/SIO function (selectable by switching)
• External interrupt
External interrupt (level detection
× 8 channels)
Eight inputs are independent of one another and can also be used for resetting from low-power consumption
mode (the L-level detection feature available) .
• Low power consumption (standby mode supported)
Stop mode (There is almost no current consumption since oscillation stops.)
Sleep mode (This mode stops the running CPU.)
• A maximum of 53 general-purpose I/O ports
General-purpose I/O ports (CMOS) : 34
General-purpose output ports (CMOS) : 8
General-purpose I/O ports (Nch open drain) : 3
General-purpose input ports (CMOS 3.3 V input-compatible) : 8
• Parallel ports
Also serve as eight of the general-purpose I/O ports (CMOS)
Interrupt function available
Allows asynchronous read and write by external signals
• Power supply
Supply voltage : 3.0 to 5.5 V


Similar Part No. - MB89P589B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P589B FUJITSU-MB89P589B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89P589BPFM FUJITSU-MB89P589BPFM Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB89P589B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com