Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640-479.5M Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 640-479.5M
Description  Quartz Stability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

640-479.5M Datasheet(HTML) 2 Page - Oscilent Corporation

  640-479.5M Datasheet HTML 1Page - Oscilent Corporation 640-479.5M Datasheet HTML 2Page - Oscilent Corporation 640-479.5M Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
..
PART NUMBER GUIDE
Part Number
Frequency
640-260.0M
260.0 MHz
640-303.825M
303.825
640-303.875M
303.875
640-304.3M
304.3
640-310.0M
310.0
640-314.5M
314.5
640-315.0M
315.0
Part Number
Frequency
640-418.0M
418.0 MHz
640-423.0M
423.0
640-423.22M
423.22
640-433.42M
433.42
640-433.92M
433.92
640-434.0M
434.0
640-479.5M
479.5
Page 2 of 3
Oscilent Corporation | 640
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-640.html


Similar Part No. - 640-479.5M

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
640-479.5M OSCILENT-640-479.5M Datasheet
141Kb / 3P
   One-Port 180째 SAW
More results

Similar Description - 640-479.5M

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-DR2R ECS-ECS-DR2R Datasheet
190Kb / 1P
   Quartz Stability
logo
RF Monolithics, Inc
SC3018B RFM-SC3018B Datasheet
102Kb / 2P
   Quartz SAW Frequency Stability
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
logo
RF Monolithics, Inc
RO2103 RFM-RO2103 Datasheet
258Kb / 2P
   Ideal for 418 MHz Transmitters, Very Low Series Resistance, Quartz Stability
logo
Nel Frequency Controls,...
S9-XB3XXX-X NEL-S9-XB3XXX-X Datasheet
147Kb / 4P
   quartz crystal oscillators provide excellent temperature stability with HCMOS output and very low phase noise
logo
Epson Company
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
   High Stability
logo
Epson Company
TG-5006CG EPSON-TG-5006CG Datasheet
393Kb / 2P
   HIGH STABILITY
TG2016SBN EPSON-TG2016SBN Datasheet
632Kb / 2P
   HIGH STABILITY
TG-5035CJ EPSON-TG-5035CJ Datasheet
452Kb / 2P
   HIGH STABILITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com