Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89146V2P-SH Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89146V2P-SH
Description  8-bit Proprietary Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89146V2P-SH Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89146V2P-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89146V2P-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
MB89140 Series
s PRODUCT LINEUP
(Continued)
MB89145
MB89146
MB89P147
MB89PV140
Classification
Mass production products
(mask ROM products)
One-time PROM/
EPROM product
Piggyback/
evaluation product
(for evaluation and
development)
ROM size
16 K
× 8 bits
(internal mask
ROM)
24 K
× 8 bits
(internal mask
ROM)
32 K
× 8 bits
(internal PROM)
32 K
× 8 bits
(external ROM)
RAM size
512
× 8 bits
768
× 8 bits
1 K
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8, 16 bits
Minimum execution time:
0.5
µs/8 MHz to 8.0 µs/8 MHz, 61 µs/32.768 kHz
Interrupt processing time:
4.5
µs/8 MHz to 72.0 µs/8 MHz, 562.5 µs/32.768 kHz
Note:
The above times change according to the gear function.
Ports
High-voltage output port
(P-ch open-drain):
8 (P60 to P67, for heavy current) 16 (P40 to P47, P50 to
P57 for low current)
Buzzer output
(P-ch open-drain, high-voltage):
1 (heavy current)
Output ports (CMOS):
4 (P20 to P23)
Input ports (CMOS):
2 (P70 and P71, function as X0A and XIA pins when
dual-clock system is used.)
I/O ports (CMOS):
23 (P00 to P07, P10 to P17, P30, and P32 to P37)
I/O ports (N-ch open-drain):
1 (P31)
Total:
55
Clock timer
21 bits
× 1 (in main clock mode), 15 bits × 1 (at 32.768 kHz)
8-bit PWM timer
(timer 1)
8-bit timer operation
(toggled output capable, operating clock: 1, 2, 8, 16 system clock cycles)
8-bit resolution PWM operation
(conversion cycle: 128
µs to 2.0 ms at 8.0-MHz oscillation, and highest gear speed)
12-bit MPG
(timer 4)
12-bit resolution PWM operation (maximum conversion cycle of 2048.4
µs to 16.4 ms at
8.0 MHz-oscillation, and highest gear speed)
12-bit resolution reload timer operation (toggled output capable)
12-bit resolution PPG operation (minimum resolution of 0.5
µs at 8.0-MHz oscillation, and
highest gear speed)
8/16-bit timer
counter
(timer 2, 3)
8/16-bit timer operation (operating clock, internal clock, external trigger)
8/16-bit event counter operation (Rising edge/falling edge/both edges selectability)
Parameter
Part number


Similar Part No. - MB89146V2P-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89146V2P-SH FUJITSU-MB89146V2P-SH Datasheet
510Kb / 44P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89146V2P-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com