Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89125APFM Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89125APFM
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89125APFM Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89125APFM Datasheet HTML 1Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 2Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 3Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 4Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 5Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 6Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 7Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 8Page - Fujitsu Component Limited. MB89125APFM Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
MB89120/120A Series
3
(Continued)
Part number
MB89P135A
MB89PV130A
Item
Classification
One-time PROM products
Piggyback/evaluation product
ROM size
16 K
× 8 bits
(internal PROM, to be programmed with
general-purpose EPROM programmer)
32 K
× 8 bits
(external ROM)
RAM size
512
× 8 bits
1 K
× 8 bits
CPU functions
The number of instructions
Instruction bit length
Instruction length
Data bit length
Minimum execution time
Minimum interrupt processing time
: 136
: 8 bits
: 1 to 3 bytes
: 1, 8, 16 bits
: 0.95
µs/4.2 MHz
: 8.57
µs/4.2 MHz
Ports
Output ports (N-ch open-drain ports)
Output ports (CMOS)
I/O ports (CMOS)
Total
: 4 (All also serve as peripherals.)
: 8
: 24 (8 ports also serve as peripherals.)
: 36
Timer/counter
8-bit timer/counter
× 2 channels or 16-bit event counter × 1 channel
Serial I/O
8 bits
LSB/MSB first selectable
External interrupt 1
3 independent channels (edge selection, interrupt vector, source flag)
Rising/falling/both edges selectable
Used also for wake-up from stop/sleep mode. (Edge detection is also permitted in stop
mode.)
External interrupt 2
(wake-up function)
8 channels (only for level detection)
Remote control
transmitting fre-
quency generator
1 channel (Pulse width and cycle selectable by program)
Standby mode
Sleep mode, stop mode, and clock mode
Process
CMOS
Operating voltage
2.7 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C256A-20TVM


Similar Part No. - MB89125APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89125APFM FUJITSU-MB89125APFM Datasheet
364Kb / 42P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89125APFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com