Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89173 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89173
Description  8-bit Proprietary Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89173 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89173 Datasheet HTML 4Page - Fujitsu Component Limited. MB89173 Datasheet HTML 5Page - Fujitsu Component Limited. MB89173 Datasheet HTML 6Page - Fujitsu Component Limited. MB89173 Datasheet HTML 7Page - Fujitsu Component Limited. MB89173 Datasheet HTML 8Page - Fujitsu Component Limited. MB89173 Datasheet HTML 9Page - Fujitsu Component Limited. MB89173 Datasheet HTML 10Page - Fujitsu Component Limited. MB89173 Datasheet HTML 11Page - Fujitsu Component Limited. MB89173 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
MB89170/170A/170L Series
s PIN DESCRIPTION
(Continued)
*1: FPT-48P-M16
*2: MQP-48C-P01
Notes:
On the MB89170L series, DTMF pin (Pin No.:1), X0A pin (Pin No.:8) and X1A pin (Pin No.:9) are N.C. pins.
Please connect them with GND.
Pin no.
Pin name
Circuit type
Function
QFP*1
MQFP*2
5
X0
A
Main clock crystal oscillator pins
6X1
8
X0A
B
Subclock oscillation pins (32.768 kHz)
9X1A
3
MOD0
C
Operation mode selecting pins
Connect directly to VCC or VSS.
4MOD1
2RST
D
Reset I/O pin
This pin is of an N-ch open-drain output type with pull-up
resistor and of hysteresis input type.
“L” is output from this pin by an internal reset source (optional
function).
The internal circuit is initialized by the input of “L”.
34 to 27
P00/INT20 to
P07/INT27
E
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up function).
External interrupt input is a hysteresis input.
26 to 20, 18
P10 to P17
F
General-purpose I/O ports
17 to 10
P20 to P27
H
General-purpose output ports
42
P30/SCK
G
General-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O.
This port is of hysteresis input type.
41
P31/SO
G
General-purpose I/O port
Also serves as the data output for the 8-bit serial I/O.
This port is of hysteresis input type.
40
P32/SI
G
General-purpose I/O port
Also serves as the data input for the 8-bit serial I/O.
This port is of hysteresis input type.
39
P33/EC
G
General-purpose I/O port
Also serves as an external clock input for a 8-bit timer/
counter.
This port is of hysteresis input type.
38
P34/TO/INT0
G
General-purpose I/O port
Also serves as the overflow output for the 8-bit timer/counter
and an external interrupt 1 input.
This port is of hysteresis input type.
36,
37
P36/INT2,
P35/INT1
G
General-purpose I/O ports
Also serve as an external interrupt 1 input.
These ports are of hysteresis input type.


Similar Part No. - MB89173

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89173 FUJITSU-MB89173 Datasheet
626Kb / 50P
   8-bit Proprietary Microcontroller
MB89173L FUJITSU-MB89173L Datasheet
626Kb / 50P
   8-bit Proprietary Microcontroller
MB89173LPF FUJITSU-MB89173LPF Datasheet
626Kb / 50P
   8-bit Proprietary Microcontroller
MB89173PF FUJITSU-MB89173PF Datasheet
626Kb / 50P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89173

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com