Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89161-PF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB89161-PF
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89161-PF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB89161-PF Datasheet HTML 1Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 2Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89161-PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
DS07-12405-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
8-bit Proprietary Microcontroller
CMOS
F2MC-8L MB89160/160A Series
MB89161/163/165/P165/PV160/W165
MB89161A/163A/165A
s DESCRIPTION
The MB89160 series is a line of the general-purpose, single-chip microcontrollers. In addition to a compact
instruction set, the microcontrollers contain a variety of peripheral functions such as an LCD controller/driver,
an A/D converter, timers, a serial interface, PWM timers, and external interrupts.
s FEATURES
•F2MC-8L family CPU core
• Dual-clock control system
• Maximum memory size: 16-Kbyte ROM, 512-byte RAM (max.)
• Minimum execution time: 0.95
µs/4.2 MHz
• I/O ports: max. 54 channels
• 21-bit time-base counter
• 8/16-bit timer/counter: 2 or 1 channels
• 8-bit serial I/O: 1 channel
• External interrupts (wake-up function): Four channels with edge selection plus eight level-interrupt channels
• 8-bit A/D converter: 8 channels
• 8-bit PWM timers: 2 channels
• Watch prescaler (15 bits)
• LCD controller/driver: 24 segments
× 4 commons (max. 96 pixels)
• LCD driving reference voltage generator and booster (option)
• Remote control transmission output
• Buzzer output
• Power-on reset function (option)
• Low-power consumption modes (stop, sleep, and watch mode)
•CMOS technology


Similar Part No. - MB89161-PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89161 FUJITSU-MB89161 Datasheet
845Kb / 53P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89161-PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com