Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89161 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89161
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89161 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89161 Datasheet HTML 1Page - Fujitsu Component Limited. MB89161 Datasheet HTML 2Page - Fujitsu Component Limited. MB89161 Datasheet HTML 3Page - Fujitsu Component Limited. MB89161 Datasheet HTML 4Page - Fujitsu Component Limited. MB89161 Datasheet HTML 5Page - Fujitsu Component Limited. MB89161 Datasheet HTML 6Page - Fujitsu Component Limited. MB89161 Datasheet HTML 7Page - Fujitsu Component Limited. MB89161 Datasheet HTML 8Page - Fujitsu Component Limited. MB89161 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
MB89160/160A Series
s PRODUCT LINEUP
(Continued)
MB89161/
MB89161A*1
MB89163/
MB89163A*1
MB89165/
MB89165A*1
MB89P165
MB89W165
MB89PV160
Classification
Mass production products
(mask ROM products)
One-time
PROM
product
EPROM
product
Piggyback/
evaluation
product (for
development)
ROM size
4 K
× 8 bits
(internal
mask ROM)
8 K
× 8 bits
(internal mask
ROM)
16 K
× 8 bits
(internal
mask ROM)
16 K
× 8 bits
(internal PROM, programming
with general-purpose EPROM
programmer)
32 K
× 8 bits
(external
ROM)
RAM size
128
× 8 bits
256
× 8 bits
512
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1, 8,16 bits
Minimum execution time:
0.95
µs/4.2 MHz
Interrupt processing time:
9
µs/4.2 MHz
Ports
I/O port (N-ch open-drain):
8 (6 ports also serve as peripherals, 3 ports
are a heavy-current drive type.)
Output ports (N-ch open-drain):
28 (16 ports also serve as segment pins, 2 ports
serve as booster capacitor connection pins,
2 ports serve as common pins.)*3
(8 ports also serve as an A/D input)
I/O ports (CMOS):
16 (12 ports also serve as an external interrupt)
Output ports (CMOS):
2 (Also serve as peripherals)
Total:
54 (max.)
Timer/counter
8-bit timer operation (toggled output capable, operating clock cycle 1.9
µs to 486 µs)
16-bit timer operation (toggled output capable, operating clock cycle 1.9
µs to 486 µs)
Serial I/O
8 bits
LSB first/MSB first selectability
One clock selectable from four operation clocks
(one external shift clock, three internal shift clocks: 1.9
µs, 7.6 µs, 30.4 µs)
LCD controller/
driver
Common output:
4 (max.)
Segment output:
24 (max.) *3
Bias power supply pins:
4
LCD display RAM size:
24
× 4 bits
Booster for LCD driving:
Built-in (product with a booster)*3
Dividing resistor for LCD driving: Built-in (an external resistor
selectability)
Without a
booster for
LCD driving
A/D converter
8-bit resolution
× 8 channels
A/D conversion mode (conversion time 43
µs/4.2 MHz (44 instruction cycles))
Sense mode (conversion time 11.9
µs/4.2 MHz)
Continuous activation by an internal timer capable
Reference voltage input
Part number
Parameter


Similar Part No. - MB89161

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89161 FUJITSU-MB89161 Datasheet
845Kb / 53P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89161

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com