Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP204 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP204
Description  Gigabit 4 횞 4 CROSSPOINT SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP204 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVCP204 Datasheet HTML 3Page - Texas Instruments SN65LVCP204 Datasheet HTML 4Page - Texas Instruments SN65LVCP204 Datasheet HTML 5Page - Texas Instruments SN65LVCP204 Datasheet HTML 6Page - Texas Instruments SN65LVCP204 Datasheet HTML 7Page - Texas Instruments SN65LVCP204 Datasheet HTML 8Page - Texas Instruments SN65LVCP204 Datasheet HTML 9Page - Texas Instruments SN65LVCP204 Datasheet HTML 10Page - Texas Instruments SN65LVCP204 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN65LVCP204
www.ti.com ................................................................................................................................................................................................... SLLS913 – MARCH 2009
SWITCHING CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
0 dB preemphasis
Intrinsic deterministic device (PREx_x = 0);
PRBS 27 – 1
2.5 Gbps
30
ps
jitter (5)(6), peak-to-peak
See Figure 8 for the test
pattern
circuit.
DJ
1.25 Gbps;
0 dB preemphasis
EQ = 1
Absolute deterministic
(PREx_x = 0);
PRBS 27 – 1
Over 25-inch
7
ps
output jitter(7), peak-to-peak
See Figure 8 for the test
pattern
(63,5-cm)
circuit.
FR4 trace
(5)
Intrinsic deterministic device jitter is a measurement of the deterministic jitter contribution from the device. It is derived by the equation
(DJ(OUT) – DJ(IN)), where DJ(OUT) is the total peak-to-peak deterministic jitter measured at the output of the device in PSPP. DJ(IN) is the
peak-to-peak deterministic jitter of the pattern generator driving the device.
(6)
The SN65LVCP204 built-in passive input equalizer compensates for ISI. For a 25-inch (63,5-cm) FR4 transmission line with 8-mil
(0,2-mm) trace width, the SN65LVCP204 typically reduces jitter by 60 ps from the device input to the device output.
(7)
Absolute deterministic output jitter reflects the deterministic jitter measured at the SN65LVCP204 output. The value is a real value
measured with a bit-error tester as described in Figure 8. The absolute DJ reflects the sum of all deterministic jitter components
accumulated over the link: DJ(absolute) = DJ(Signal generator) + DJ(transmission line) + DJ(intrinsic(LVCP204)).
Table 2. Preemphasis Controls PL2, PL1, PS2, and PS1
OUTPUT
OUTPUT LEVEL IN mVpp
TYPICAL FR4
Px2(1)
Px1(1)
PREEMPHASIS
TRACE LENGTH
DE-EMPHASIZED
PREEMPHASIZED
LEVEL IN dB
0
0
0 dB
1200
1200
10 inches (25,4 cm) of FR4 trace
0
1
3 dB
850
1200
20 inches (50,8 cm) of FR4 trace
1
0
6 dB
600
1200
30 inches (76,2 cm) of FR4 trace
40 inches (101,6 cm) of FR4
1
1
9 dB
425
1200
trace
(1)
x = L or S
Table 3. Receive Equalization Settings
EQ
EQUALIZATION
TYPICAL TRACE
1
5 dB
25 inches (63,5 cm) of FR4
0
12 dB
43 inches (109,2 cm) of FR4
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65LVCP204


Similar Part No. - SN65LVCP204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204RGZR TI1-SN65LVCP204RGZR Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204RGZT TI1-SN65LVCP204RGZT Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com