Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P133A Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89P133A
Description  8-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P133A Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89P133A Datasheet HTML 5Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 6Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 7Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 8Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 9Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 10Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 11Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 12Page - Fujitsu Component Limited. MB89P133A Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
MB89130/130A Series
9
s
s
s
s PIN DESCRIPTION
*1 : DIP-48P-M01
*2 : FPT-48P-M13
(Continued)
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
QFP*2
35
5
X0
A
Main clock crystal oscillator pins (max. 4.2 MHz)
36
6
X1
38
8
X0A
B
Subclock crystal oscillator pins (32.768 kHz)
39
9
X1A
33
3
MOD0
C
Operation mode selecting pins
Connect directly to VSS.
34
4
MOD1
32
2
RST
D
Reset I/O pin
This pin is of N-ch open-drain output type with pull-up re-
sistor, and a hysteresis input type. The internal circuit is
initialized by the input of “L”. “L” is output from this pin by
an internal reset source as a option.
16 to 9
34 to 27
P00 (INT20)
to
P07 (INT27)
I
General-purpose I/O ports
On the MB89130A series, these ports also serve as an ex-
ternal interrupt input.
External interrupt inputs are of hysteresis input type.
8 to 2, 48
26 to 20, 18
P10 to P17
E
General-purpose I/O ports
47 to 40
17 to 10
P20 to P27
G
General-purpose output ports
24
42
P30/SCK
F
General-purpose I/O port
Also serves as the clock I/O for the 8-bit serial I/O. This
port is of hysteresis input type.
23
41
P31/SO
F
General-purpose I/O port
Also serves as a 8-bit serial I/O data output. This port is of
hysteresis input type.
22
40
P32/SI
F
General-purpose I/O port
Also serves as a 8-bit serial I/O data input. This port is of
hysteresis input type.
21
39
P33/EC/SCO
F
General-purpose I/O port
Also serves as the external clock input for the 8-bit
timer/counter. This port is of hysteresis input type. The
system clock output is provided as an option.
20
38
P34/TO/INT0
F
General-purpose I/O port
Also serve as the overflow output for the 8-bit timer/
counter and an external interrupt input. This port is of hys-
teresis input type.
19,
18
37,
36
P35/INT1,
P36/INT2
F
General-purpose I/O ports
Also serves as an external interrupt input. These ports are
of hysteresis input type.


Similar Part No. - MB89P133A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P133A FUJITSU-MB89P133A Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89P133A FUJITSU-MB89P133A Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
MB89P133A-201 FUJITSU-MB89P133A-201 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
MB89P133AP-201 FUJITSU-MB89P133AP-201 Datasheet
505Kb / 54P
   8-bit Proprietary Microcontroller
MB89P133APFM-201 FUJITSU-MB89P133APFM-201 Datasheet
593Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P133A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com