Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN6501QDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501QDBVRQ1
Description  Transformer Driver for Isolated Power Supplies
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501QDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN6501QDBVRQ1 Datasheet HTML 1Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 2Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 3Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 4Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 5Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 6Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 7Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 8Page - Texas Instruments SN6501QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SN6501-Q1
www.ti.com
SLLSEF3 – JUNE 2013
Transformer Driver for Isolated Power Supplies
Check for Samples: SN6501-Q1
1
FEATURES
APPLICATIONS
Qualified for Automotive Applications
Isolated Interface Power Supply for CAN, SPI,
I2C, Digital IO, Analog IO (ADC and DAC) and
AEC-Q100 Qualified With the Following
RS-485
Results
Isolated Output Supply up to 30 V
Device Temperature Grade 1: –40ºC to
125ºC Ambient Operating Temperature
Isolated Bipolar Output Supply up to ±15 V
Range
DESCRIPTION
Device HBM ESD Classification Level H2
The SN6501-Q1 is a monolithic oscillator/power-
Device CDM ESD Classification Level C4B
driver, specifically designed for small form factor,
Push-Pull Driver for Small Transformers
isolated
power
supplies
in
isolated
interface
Single 3.3 V or 5 V Supply
applications. It drives a low-profile, center-tapped
transformer primary from a 3.3 V or 5 V DC power
High Primary-Side Current Drive:
supply. The secondary can be wound to provide any
5 V Supply: 350 mA (max)
isolated voltage based on transformer turns ratio.
3.3 V Supply: 150 mA (max)
The SN6501-Q1 consists of an oscillator followed by
Low Ripple on Rectified Output Permits Small
a gate drive circuit that provides the complementary
Output Capacitors
output signals to drive the ground referenced N-
channel power switches. The internal logic ensures
Small 5-pin SOT23 Package
break-before-make action between the two switches.
The device is available in a small SOT23-5 package,
and is specified for operation at temperatures from
–40°C to 125°C.
Figure 1. Typical Operating Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN6501QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501QDBVRQ1 TI1-SN6501QDBVRQ1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
More results

Similar Description - SN6501QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
   500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
   1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com