Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28021
Description  Piccolo??Microcontrollers
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F28021 Datasheet HTML 7Page - Texas Instruments TMS320F28021 Datasheet HTML 8Page - Texas Instruments TMS320F28021 Datasheet HTML 9Page - Texas Instruments TMS320F28021 Datasheet HTML 10Page - Texas Instruments TMS320F28021 Datasheet HTML 11Page - Texas Instruments TMS320F28021 Datasheet HTML 12Page - Texas Instruments TMS320F28021 Datasheet HTML 13Page - Texas Instruments TMS320F28021 Datasheet HTML 14Page - Texas Instruments TMS320F28021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523J – NOVEMBER 2008 – REVISED OCTOBER 2013
Table 2-2. Terminal Functions(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
PT
DA
NAME
PIN #
PIN #
On-chip crystal-oscillator input. To use this oscillator, a quartz crystal or a ceramic
resonator must be connected across X1 and X2. In this case, the XCLKIN path must
X1
45
I
be disabled by bit 13 in the CLKCTL register. If this pin is not used, it must be tied to
GND. (I)
On-chip crystal-oscillator output. A quartz crystal or a ceramic resonator must be
X2
46
O
connected across X1 and X2. If X2 is not used, it must be left unconnected. (O)
RESET
Device Reset (in) and Watchdog Reset (out). Piccolo devices have a built-in power-
on-reset (POR) and brown-out-reset (BOR) circuitry. As such, no external circuitry is
needed to generate a reset pulse. During a power-on or brown-out condition, this pin
is driven low by the device. See Section 6.3, Electrical Characteristics, for thresholds
of the POR/BOR block. This pin is also driven low by the MCU when a watchdog reset
occurs. During watchdog reset, the XRS pin is driven low for the watchdog reset
duration of 512 OSCCLK cycles. If need be, an external circuitry may also drive this
XRS
3
17
I/OD
pin to assert a device reset. In this case, it is recommended that this pin be driven by
an open-drain device. An R-C circuit must be connected to this pin for noise immunity
reasons. Regardless of the source, a device reset causes the device to terminate
execution. The program counter points to the address contained at the location
0x3FFFC0. When reset is deactivated, execution begins at the location designated by
the program counter. The output buffer of this pin is an open-drain with an internal
pullup. (I/OD)
ADC, COMPARATOR, ANALOG I/O
ADCINA7
6
I
ADC Group A, Channel 7 input
ADCINA6
I
ADC Group A, Channel 6 input
4
18
AIO6
I/O
Digital AIO 6
ADCINA4
I
ADC Group A, Channel 4 input
COMP2A
5
19
I
Comparator Input 2A (available in 48-pin device only)
AIO4
I/O
Digital AIO 4
ADCINA3
7
I
ADC Group A, Channel 3 input
ADCINA2
I
ADC Group A, Channel 2 input
COMP1A
9
20
I
Comparator Input 1A
AIO2
I/O
Digital AIO 2
ADCINA1
8
I
ADC Group A, Channel 1 input
ADC Group A, Channel 0 input
ADCINA0
I
10
21
ADC External Reference – only used when in ADC external reference mode. See
VREFHI
I
Section 4.1.1, ADC.
ADCINB7
18
I
ADC Group B, Channel 7 input
ADCINB6
I
ADC Group B, Channel 6 input
17
26
AIO14
I/O
Digital AIO 14
ADCINB4
I
ADC Group B, Channel 4 input
COMP2B
16
25
I
Comparator Input 2B (available in 48-pin device only)
AIO12
I/O
Digital AIO12
ADCINB3
15
I
ADC Group B, Channel 3 input
ADCINB2
I
ADC Group B, Channel 2 input
COMP1B
14
24
I
Comparator Input 1B
AIO10
I/O
Digital AIO 10
ADCINB1
13
I
ADC Group B, Channel 1 input
Copyright © 2008–2013, Texas Instruments Incorporated
Introduction
11
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200


Similar Part No. - TMS320F28021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28021 TI-TMS320F28021 Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021 TI1-TMS320F28021 Datasheet
423Kb / 15P
[Old version datasheet]   LAUNCHXL-F28027 C2000 Piccolo LaunchPad
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com