Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC04MF4A-50 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC04MF4A-50
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC04MF4A-50 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC04MF4A-50 Datasheet HTML 2Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 3Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 4Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 5Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 6Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 7Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 8Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 9Page - Texas Instruments TLC04MF4A-50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Supply Voltage VCC+ Ripple Frequency – kHz
VCC – = – 5 V
Filter in at 0 V
fclock = 250 kHz
(0 to 40 kHz)
VCC+ = 5 V + 50-mV Sine Wave
0
– 10
– 20
– 30
– 40
– 50
– 60
40
35
30
25
20
15
10
5
0
FILTER OUTPUT
vs
SUPPLY VOLTAGE VCC+ RIPPLE FREQUENCY
Figure 1
0
5
10
15
20
25
30
35
40
0
VCC – = – 5 V + 50-mV Sine Wave
(0 to 40 kHz)
VCC+ = 5 V
Filter in at 0 V
fclock = 250 kHz
Supply Voltage VCC – Ripple Frequency – kHz
FILTER OUTPUT
vs
SUPPLY VOLTAGE VCC– RIPPLE FREQUENCY
– 10
– 20
– 30
– 40
– 50
– 60
Figure 2


Similar Part No. - TLC04MF4A-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC04MF4A-50 TI-TLC04MF4A-50 Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50_08 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Similar Description - TLC04MF4A-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC04IDRG4 TI-TLC04IDRG4 Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
MF4A-50 TI-MF4A-50 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50_08 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com