Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS81256SIPT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS81256SIPT
Description  3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS81256SIPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS81256SIPT Datasheet HTML 3Page - Texas Instruments TPS81256SIPT Datasheet HTML 4Page - Texas Instruments TPS81256SIPT Datasheet HTML 5Page - Texas Instruments TPS81256SIPT Datasheet HTML 6Page - Texas Instruments TPS81256SIPT Datasheet HTML 7Page - Texas Instruments TPS81256SIPT Datasheet HTML 8Page - Texas Instruments TPS81256SIPT Datasheet HTML 9Page - Texas Instruments TPS81256SIPT Datasheet HTML 10Page - Texas Instruments TPS81256SIPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0.1
1
10
100
1000
I - Output Current - mA
O
60
65
70
75
80
85
90
95
100
T = -40°C
A
T = 25°C
A
T = 85°C
A
V = 3.6 V,
I
V = 5 V,
PFM/PWM Operation
O
0.1
1
10
100
1000
I - Output Current - mA
O
4.95
5
5.05
5.1
5.15
V = 5.1 V
I
V = 5 V,
PFM/PWM Operation
O
V = 4.5 V
I
V = 3.6 V
I
V = 2.7 V
I
0.1
1
10
100
1000
I - Output Current - mA
O
50
55
60
65
70
75
80
85
90
95
100
V = 4.5 V
I
V = 4.2 V
I
V = 3.6 V
I
V = 2.7 V
I
V = 2.9 V
I
V = 3.3
I
V = 5 V,
PFM/PWM Operation
O
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
V - Input Voltage - V
I
I = 100 mA
O
I = 500 mA
O
I = 1 mA
O
I = 10 mA
O
V = 5 V,
PFM/PWM Operation
O
I = 300 mA
O
TPS81256
www.ti.com
SLVSAZ9A – JUNE 2012 – REVISED AUGUST 2013
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 3.
Figure 4.
EFFICIENCY
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS81256


Similar Part No. - TPS81256SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256SIPT TI1-TPS81256SIPT Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIPT TI1-TPS81256SIPT Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
More results

Similar Description - TPS81256SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
[Old version datasheet]   3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI-TPS81256_15 Datasheet
4Mb / 26P
[Old version datasheet]   TPS81256 3-W, High Efficiency Step-Up Converter In MicroSiP??Packaging
TPS81256 TI1-TPS81256_16 Datasheet
4Mb / 27P
[Old version datasheet]   High Efficiency Step-Up Converter In MicroSiP Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com