Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV09A-3020S-B103 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTV09A-3020S-B103
Description  PTV09 Series - 9 mm Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV09A-3020S-B103 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTV09A-3020S-B103 Datasheet HTML 1Page - Bourns Electronic Solutions PTV09A-3020S-B103 Datasheet HTML 2Page - Bourns Electronic Solutions PTV09A-3020S-B103 Datasheet HTML 3Page - Bourns Electronic Solutions PTV09A-3020S-B103 Datasheet HTML 4Page - Bourns Electronic Solutions PTV09A-3020S-B103 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PTV09 Series - 9 mm Potentiometer
Product Dimensions (Continued)
DIMENSIONS:
MM
(INCHES)
Applications
Commercial communications equipment
Portable electronics
Amplifiers/mixers/drum machines/synthesizers
Consumer goods
Commercial appliances
PTV09A-3
(Vertical/Side Mount,
Bushingless, 6.5 mm Height)
2.0
(.078)
3.3
(.129)
2.4
(.094)
6.8
(.267)
3.8
(.150)
6.5
(.256)
5.5
(.217)
F
L ±
0.5
(.020)
1.2
(.047)
0.8
(.031)
9.7
(.382)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
0.8
(.031)
5.0
(.196)
7.4
(.291)
PTV09A-4
(Horizontal/Rear Mount, Bushingless)
2.0
(.079)
7.0
(.276)
6.0 ± 0.5
(.236 ± .020)
F
L ±
0.5
(.020)
1.2
(.047)
0.8
(.031)
3.8
(.150)
6.8
(.268)
10.0
(.394)
40 ° ±10 °
FULL CCW POSITION
3 PLCS.
5.5
(.216)
1.5
(.059)
5.0
(.196)
11.4
(.449)
PTV09A-5
(Horizontal/Rear Mount
w/Plastic Plain Bushing)
0.8 +0/-0.1
(.031 +.000/-.004)
1.2 +0/-0.2
(.047 +.000/-.008)
11.4 +0/-0.5
(.055 +.000/-.020)
1.5
(.059)
SHAFT SHOWN IN CENTER POSITION
2.0
(.079)
7.0 ± 0.3
(.276 ± .012)
7.9
(.311)
7.9
(.311)
5.9
(.232)
L ±
0.5
(.020)
3.5 ± 0.3
(.138 ± .012)
8.4
(.315)
5.1
(.201)
10.0
(.394)
5.5
(.216)
6.5
.256)
3.0 ± 0.3
(.118 ± .012)
5.0
(.197)
1
2
3
F-Type
F
L ±
0.5
(.020)
4.5
(.177)
6.0 +0.0/-0.1
(.236 +.000/-.004)
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
F
6
(.236)
7
(.275)
12
(.472)
12
(.472)
Shaft Styles
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
A
7
(.275)
7
(.275)
7
(.275)
7
(.275)
18 TEETH KNURL
1.5
(.059)
S-Type
A
L ±
0.5
(.020)
6.0 +0.0/-0.1
(.236 +.000/-.004)
1.0
(.039)
L
15
(.591)
20
(.787)
25
(.984)
30
(1.181)
A
6
(.236)
7
(.275)
7
(.275)
7
(.275)
40 TEETH KNURL
1.5
(.059)
3.1
(.122)
U-Type
A
L ±
0.5
(.020)
0.7
(.028)
6.0 +0.0/-0.1
(.236 +.000/-.004)


Similar Part No. - PTV09A-3020S-B103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09A-3020S-B203 BOURNS-PTV09A-3020S-B203 Datasheet
1Mb / 4P
   9 mm Potentiometer
More results

Similar Description - PTV09A-3020S-B103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
PTD90 BOURNS-PTD90_14 Datasheet
505Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
3309 BOURNS-3309_1 Datasheet
95Kb / 1P
   3309 - 9 mm Round Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
   9 mm Round Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com