Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88346B Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB88346B
Description  D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88346B Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB88346B Datasheet HTML 6Page - Fujitsu Component Limited. MB88346B Datasheet HTML 7Page - Fujitsu Component Limited. MB88346B Datasheet HTML 8Page - Fujitsu Component Limited. MB88346B Datasheet HTML 9Page - Fujitsu Component Limited. MB88346B Datasheet HTML 10Page - Fujitsu Component Limited. MB88346B Datasheet HTML 11Page - Fujitsu Component Limited. MB88346B Datasheet HTML 12Page - Fujitsu Component Limited. MB88346B Datasheet HTML 13Page - Fujitsu Component Limited. MB88346B Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MB88346L
10
(3) Analog Block 2
(VDD, VCC
= 2.7 V to 3.6 V (VCC ≥ VDD) , GND = VSS = 0 V, Ta = −20 °C to +85 °C)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Typ
Max
Output minimum
voltage 1
VAOL1
AO1 to AO12
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 0 µA
Digital data
= #00
VSS
VSS
+ 0.1
V
Output minimum
voltage 2
VAOL2
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 500 µA
Digital data
= #00
VSS
− 0.2
VSS
VSS
+ 0.2
V
Output minimum
voltage 3
VAOL3
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 500 µA
Digital data
= #00
VSS
VSS
+ 0.2
V
Output minimum
voltage 4
VAOL4
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 1.0 mA
Digital data
= #00
VSS
− 0.3
VSS
VSS
+ 0.3
V
Output minimum
voltage 5
VAOL5
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 1.0 mA
Digital data
= #00
VSS
VSS
+ 0.3
V
Output maximum
voltage 1
VAOH1
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 0 µA
Digital data
= #FF
VDD
− 0.1
VDD
V
Output maximum
voltage 2
VAOH2
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 500 µA
Digital data
= #FF
VDD
− 0.2
VDD
V
Output maximum
voltage 3
VAOH3
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 500 µA
Digital data
= #FF
VDD
− 0.2
VDD
VDD
+ 0.2
V
Output maximum
voltage 4
VAOH4
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAL
= 1.0 mA
Digital data
= #FF
VDD
− 0.3
VDD
V
Output maximum
voltage 5
VAOH5
VDD
= VCC = 3.0 V,
VSS
= GND = 0.0 V,
IAH
= 1.0 mA
Digital data
= #FF
VDD
− 0.3
VDD
VDD
+ 0.3
V


Similar Part No. - MB88346B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88346B FUJITSU-MB88346B Datasheet
298Kb / 20P
   R-2R TYPE 8-BIT D/A CONVERTER WITH OPERATIONAL AMPLIFIER OUTPUT BUFFERS
MB88346B FUJITSU-MB88346B Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346BP FUJITSU-MB88346BP Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346BPF FUJITSU-MB88346BPF Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB88346BPFV FUJITSU-MB88346BPFV Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
More results

Similar Description - MB88346B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88346L FUJITSU-MB88346L_06 Datasheet
193Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp, low-voltage)
MB88146A FUJITSU-MB88146A Datasheet
274Kb / 20P
   D/A Converter for Digital Tuning (12-channel, 8-bit, on-chip OP amp., low-voltage)
MB88347L FUJITSU-MB88347L Datasheet
169Kb / 16P
   D/A Converter for Digital Tuning (8-channel, 8-bit, on-chip OP amp, low-voltage)
MB88345 FUJITSU-MB88345 Datasheet
142Kb / 14P
   D/A Converter for Digital Tuning (24-channel, 8-bit, on-chip OP amp)
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
   D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
MB40D001 FUJITSU-MB40D001 Datasheet
214Kb / 17P
   D/A Converter for Digital Tuning
logo
Fuji Electric
E413511 FUJI-E413511 Datasheet
178Kb / 18P
   D/A Converter for Digital Tuning
logo
Fujitsu Component Limit...
MB88141 FUJITSU-MB88141 Datasheet
250Kb / 20P
   D/A Converter for Digital Tuning (With Built-in OP Amp and I/O Expander)
logo
ams AG
AS1534 AMSCO-AS1534 Datasheet
351Kb / 2P
   12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11_03 Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com