Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFD-60LU Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VFD-60LU
Description  1 POLE - 20/25/30A - Heavy power control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFD-60LU Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VFD-60LU Datasheet HTML 1Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 2Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 3Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 4Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 5Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 6Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 7Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 8Page - Fujitsu Component Limited. VFD-60LU Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FTR-K1 SERIES
SPECIFICATION
Item
30A type
25A type
20A type
VFD, VFP - ( ) H
VF ( ) - ( ) M
VF ( ) - ( ) L
Contact
Data
Configuration
1 form A (SPST-NO)
Construction
Single
Material
Silver alloy (AgSnO
2 ; AgSnOInO)
Resistance (initial)
Max. 30mOhm at 1A, 6VDC
Contact rating
Resistive
30A, 250VAC
25A, 250VAC
20A, 250VAC
Motor
2HP, 250VAC
1.5HP, 250VAC
1HP, 250VAC
Max. carrying current
30A
25A
20A
Max. switching voltage
250VAC
Max. switching power
7,500VA
6,250VA
5,000VA
Max. switching current
30A
25A
20A
Min. switching load *
1A, 10V
Life
Mechanical
Min. 5 x 106 operations
Electrical
(at contact rating)
Resistive load
Min. 100 x 103 operations
Motor load
Min. 200 x 103 operations
Coil Data
Rated Power (at 20 ° C)
1,200 to 1,250mW
Operate Power (at 20 ° C)
590 to 620mW
Operating temperature range
-30 to +65 °C (no frost)
Timing Data
Operate (at nominal voltage)
Max. 20ms
Release (at nominal voltage)
Max. 5ms (without diode)
Insulation
Resistance (Initial)
Min. 1,000MOhm at 500VDC
Dielectric strength
Open contacts
1,200VAC (50/60Hz) 1min.
Coil and contacts
4,000VAC (50/60Hz) 1min.
Surge strength
Coil and contacts
10.000V/ 1.2 x 50
μs standard wave
Other
Vibration Resistance
Misoperation
10 to 55Hz double amplitude 1.5mm
Endurance
10 to 55Hz double amplitude 1.5mm
Shock
Misoperation
Min. 200m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 55 g
Sealing
Flux proof (RTII)
VF SERIES
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual
load before production since reference values may vary according to switching frequencies, environmental contions
and expected reliability levels.


Similar Part No. - VFD-60LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFD-6HU FUJITSU-VFD-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
VFD-6LU FUJITSU-VFD-6LU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
VFD-6MU FUJITSU-VFD-6MU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
More results

Similar Description - VFD-60LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56 Datasheet
48Kb / 8P
   COMPACT HIGH POWER RELAY 1 POLE-30A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
logo
List of Unclassifed Man...
JQX-105F-2 ETC1-JQX-105F-2 Datasheet
107Kb / 2P
   30A 1 POLE PCB&QC Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com